Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7X474KT20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T7X474KT20
Description  7 mm Diameter Miniature Cermet Trimmer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T7X474KT20 Datasheet(HTML) 3 Page - Vishay Siliconix

  T7X474KT20 Datasheet HTML 1Page - Vishay Siliconix T7X474KT20 Datasheet HTML 2Page - Vishay Siliconix T7X474KT20 Datasheet HTML 3Page - Vishay Siliconix T7X474KT20 Datasheet HTML 4Page - Vishay Siliconix T7X474KT20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T7
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
3
Document Number: 51015
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
Load life
1000 h at rated power
90'/30' - ambient temperature 70 °C
± 3 %
Contact resistance variation:
< 3 % Rn
± 4 %
Climatic sequence
Phase A dry heat 100 °C
± 2 %
± 3 %
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
Long term damp heat
56 days
± 2 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
± 3 %
Rapid temperature change
5 cycles - 55 °C at + 125 °C
± 1 %
V
1-2/V1-3
 ± 2 %
Shock
50 g - 11 ms
± 0.5 %
± 1 %
3 successive shocks
in 3 directions
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g during 6 h
± 0.5 %
V
1-2/V1-3
 ± 1 %
Rotational life
200 cycles
± 3 %
Contact resistance variation:
< 3 % Rn
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE VALUES
LINEAR LAW
TYPICAL TCR
- 55 °C to + 125 °C
MAX. POWER AT 85 °C
MAX. WORKING VOLTAGE
MAX. WIPER CURRENT
WV
mA
ppm/°C
10
0.5
2.2
224
± 100
22
0.5
3.3
150
47
0.5
4.8
103
100
0.5
7.0
70
220
0.5
10.5
47
470
0.5
15.3
32
1K
0.5
22.4
22
2.2K
0.5
33.2
15
4.7K
0.5
48.5
10
10K
0.5
70.7
7.0
22K
0.5
105
4.8
47K
0.5
153
3.2
100K
0.5
224
2.2
220K
0.28
250
1.1
470K
0.13
250
1.53
1M
0.06
250
0.25
2.2M
0.028
250
0.11
MARKING
• Vishay trademark
•Model
• YA or YB style
• Ohmic value (in
, k, M)
• Manufacturing date
•Marking of terminal: 3


Similar Description - T7X474KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
   7 mm Diameter Miniature Single-Turn Cermet Trimmer
01-Jan-2022
logo
CTS Corporation
307 CTS-307 Datasheet
241Kb / 2P
   Commercial miniature 6 mm cermet trimmer potentiometer
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
   Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com