Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C08 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NM24C08
Description  8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C08 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NM24C08 Datasheet HTML 6Page - Fairchild Semiconductor NM24C08 Datasheet HTML 7Page - Fairchild Semiconductor NM24C08 Datasheet HTML 8Page - Fairchild Semiconductor NM24C08 Datasheet HTML 9Page - Fairchild Semiconductor NM24C08 Datasheet HTML 10Page - Fairchild Semiconductor NM24C08 Datasheet HTML 11Page - Fairchild Semiconductor NM24C08 Datasheet HTML 12Page - Fairchild Semiconductor NM24C08 Datasheet HTML 13Page - Fairchild Semiconductor NM24C08 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.fairchildsemi.com
NM24C08/09 Rev. G
Acknowledge
The NM24C08/09 device will always respond with an acknowl-
edge after recognition of a start condition and its slave address. If
both the device and a write operation have been selected, the
NM24C08/09 will respond with an acknowledge after the receipt
of each subsequent eight bit byte.
In the read mode the NM24C08/09 slave will transmit eight bits of
data, release the SDA line and monitor the line for an acknowl-
edge. If an acknowledge is detected, NM24C08/09 will continue
to transmit data. If an acknowledge is not detected,NM24C08/09
will terminate further data transmissions and await the stop
condition to return to the standby power mode.
Device Addressing
Following a start condition the master must output the address of
the slave it is accessing. The most significant four bits of the slave
address are those of the device type identifier. This is fixed as
1010 for all EEPROM devices.
Refer the following table for Slave Addresses string details:
Device
A0 A1 A2 Page
Page Block
Blocks
Addresses
NM24C08/09
P
P
A
4
00, 01, 10, 11
A: Refers to a hardware configured Device Address pin.
P: Refers to an internal PAGE BLOCK.
All IIC EEPROMs use an internal protocol that defines a PAGE
BLOCK size of 2K bits (for Word addresses 0x00 through 0xFF).
Therefore, address bits A0, A1, or A2 (if designated 'P') are used
to access a PAGE BLOCK in conjunction with the Word address
used to access any individual data byte.
The last bit of the slave address defines whether a write or read
condition is requested by the master. A '1' indicates that a read
operation is to be executed, and a '0' initiates the write mode.
A simple review: After the NM24C08/09 recognizes the start
condition, the devices interfaced to the IIC bus wait for a slave
address to be transmitted over the SDA line. If the transmitted
slave address matches an address of one of the devices, the
designated slave pulls the line LOW with an acknowledge signal
and awaits further transmissions.
Device Type
Identifier
Device
Address
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24C08/09
Page
Block Address


Similar Part No. - NM24C08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24C08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com