Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8731V-TLM-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV8731V-TLM-H
Description  PWM Constant-Current Control Stepper Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8731V-TLM-H Datasheet(HTML) 2 Page - ON Semiconductor

  LV8731V-TLM-H Datasheet HTML 1Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 2Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 3Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 4Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 5Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 6Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 7Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 8Page - ON Semiconductor LV8731V-TLM-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LV8731V
No.A1482-2/26
Electrical Characteristics
at Ta = 25°C, VM = 24V, VREF = 1.5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby mode current drain
IMst
ST = “L” , I(VM)+I(VM1)+I(VM2)
100
400
μA
Current drain
IM
ST = “H”, OE = “L”, with no load
I(VM)+I(VM1)+I(VM2)
3.2
5
mA
VREG5 output voltage
Vreg5
IO = -1mA
4.5
5
5.5
V
Thermal shutdown temperature
TSD
Design guarantee
150
180
200
°C
Thermal hysteresis width
ΔTSD
Design guarantee
40
°C
Motor driver
Output on resistance
Ronu
IO = 2A, Upper-side on resistance
0.3
0.4
Ω
Rond
IO = 2A, Lower-side on resistance
0.25
0.33
Ω
Output leakage current
IOleak
50
μA
Diode forward voltage
VD
ID = -2A
1.2
1.4
V
Logic pin input current
IINL
ATT1 , ATT2 , EMM , RST/BLK ,
STEP/DC22 , FR/DC21 , MD2/DC12 ,
MD1/DC11 , DM , OE , ST , VIN = 0.8V
48
12
μA
IINH
VIN = 5V
30
50
70
μA
Logic input voltage
High
VINh
ATT1 , ATT2 , EMM , RST/BLK ,
STEP/DC22 , FR/DC21 , MD2/DC12 ,
MD1/DC11 , DM , OE , ST
2.0
5.5
V
Low
VINl
0
0.8
V
Current setting
comparator
threshold voltage
(current step
switching)
1/16 step
resolution
Vtdac0_4W
Step 0 (When initialized : channel 1
comparator level)
0.291
0.3
0.309
V
Vtdac1_4W
Step 1 (Initial state+1)
0.291
0.3
0.309
V
Vtdac2_4W
Step 2 (Initial state+2)
0.285
0.294
0.303
V
Vtdac3_4W
Step 3 (Initial state+3)
0.279
0.288
0.297
V
Vtdac4_4W
Step 4 (Initial state+4)
0.267
0.276
0.285
V
Vtdac5_4W
Step 5 (Initial state+5)
0.255
0.264
0.273
V
Vtdac6_4W
Step 6 (Initial state+6)
0.240
0.249
0.258
V
Vtdac7_4W
Step 7 (Initial state+7)
0.222
0.231
0.240
V
Vtdac8_4W
Step 8 (Initial state+8)
0.201
0.21
0.219
V
Vtdac9_4W
Step 9 (Initial state+9)
0.180
0.189
0.198
V
Vtdac10_4W
Step 10 (Initial state+10)
0.157
0.165
0.173
V
Vtdac11_4W
Step 11 (Initial state+11)
0.134
0.141
0.148
V
Vtdac12_4W
Step 12 (Initial state+12)
0.107
0.114
0.121
V
Vtdac13_4W
Step 13 (Initial state+13)
0.080
0.087
0.094
V
Vtdac14_4W
Step 14 (Initial state+14)
0.053
0.06
0.067
V
Vtdac15_4W
Step 15 (Initial state+15)
0.023
0.03
0.037
V
Quarter step
resolution
Vtdac0_W
Step 0 (When initialized : channel 1
comparator level)
0.291
0.3
0.309
V
Vtdac4_W
Step 4 (Initial state+1)
0.267
0.276
0.285
V
Vtdac8_W
Step 8 (Initial state+2)
0.201
0.21
0.219
V
Vtdac12_W
Step 12 (Initial state+3)
0.107
0.114
0.121
V
Half step
resolution
Vtdac0_H
Step 0 (When initialized : channel 1
comparator level)
0.291
0.3
0.309
V
Vtdac8_H
Step 8 (Initial state+1)
0.201
0.21
0.219
V
Full step
resolution
Vtdac8_F
Step 8' (When initialized : channel 1
comparator level)
0.291
0.3
0.309
V
Current setting comparator
threshold voltage
(current attenuation rate switching)
Vtatt00
ATT1 = L, ATT2 = L
0.291
0.3
0.309
V
Vtatt01
ATT1 = H, ATT2 = L
0.232
0.24
0.248
V
Vtatt10
ATT1 = L, ATT2 = H
0.143
0.15
0.157
V
Vtatt11
ATT1 = H, ATT2 = H
0.053
0.06
0.067
V
Chopping frequency
Fchop
Cchop = 200pF
40
50
60
kHz
CHOP pin charge/discharge current
Ichop
7
10
13
μA
Chopping oscillation circuit
threshold voltage
Vtup
0.8
1
1.2
V
Vtdown
0.4
0.5
0.6
V
Continued on next page


Similar Part No. - LV8731V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8731V SANYO-LV8731V Datasheet
342Kb / 26P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
More results

Similar Description - LV8731V-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8732V-TLM-H ONSEMI-LV8732V-TLM-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8746V ONSEMI-LV8746V Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
LV8734V ONSEMI-LV8734V Datasheet
310Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8735V ONSEMI-LV8735V Datasheet
366Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
April, 2013
LV8729V ONSEMI-LV8729V Datasheet
543Kb / 21P
   PWM Constant-Current Control Stepper Motor Driver
June, 2014
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
LV8740V ONSEMI-LV8740V Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com