Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFW1131K05 Datasheet(PDF) 2 Page - Tyco Electronics

Part # HFW1131K05
Description  HALF SIZE HIGH PERFORMANCE RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HFW1131K05 Datasheet(HTML) 2 Page - Tyco Electronics

  HFW1131K05 Datasheet HTML 1Page - Tyco Electronics HFW1131K05 Datasheet HTML 2Page - Tyco Electronics HFW1131K05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
STANDARD COIL DATA
NOM.
COIL
PICKUP
PICKUP
DROP-OUT
DROP-OUT
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
Vdc (MAX.)
Vdc (MIN.)
Vdc (MIN.)
Vdc (MIN.)
(mW)
VOLTAGE
(Vdc)
±10% @ 25°C
@ 25°C
@ 125°C
@ 25°C
@ -65°C
@ 25°C
HFW/HFW4A/HFW5A
5.0
27
2.7
3.8
0.29
0.21
926
6.0
L
6.0
40
3.2
4.5
0.35
0.25
900
7.5
F
12.0
160
6.4
9.0
0.7
0.5
900
15.0
G
26.5
700
13.5
18.0
1.5
1.0
1003
32.0
K
HMB
6.0
40
3.6
4.8
0.35
0.25
900
7.5
F
12.0
160
7.2
9.6
0.7
0.5
900
15.0
G
26.5
700
15.0
20.0
1.5
1.0
1003
32.0
K
HMS
5.0
47
2.2
3.2
0.21
0.12
532
7.0
S001
6.0
75
2.75
4.0
0.27
0.17
480
9.0
S002
12.0
310
5.6
8.0
0.55
0.35
465
20.0
S003
26.5
1,030
11.4
16.5
1.1
0.7
682
35.0
S004
30.0
1,620
14.3
21.0
1.4
0.9
556
44.0
S005
36.0
2,640
18.0
26.0
1.8
1.1
491
56.0
S006
OTHER
6-8
60
3.5
4.85
0.35
0.22
817
9.0
A
(avail. for
12-15
320
6.8
9.42
0.68
0.44
570
21.0
B
HFW/HFW4A
18.0
520
9.5
13.16
0.95
0.62
623
27.0
J
relays only)
26.5-32
1,250
14.0
19.4
1.5
0.98
684
42.0
D
40.0
2,700
21.3
29.5
2.1
1.37
593
61.0
H
48.0
3,500
25.5
35.3
2.5
1.63
658
70.0
E
OPERATING CHARACTERISTICS
TIMING
Operate Time: 4.0 ms max. (HFW)
5.0 ms max. (HMB)
6.0 ms max. (HMS)
Release Time: 4.0 ms max. (HFW)
5.0 ms max. (HMB/HMS)
CONTACT BOUNCE
2.0 ms max.
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
500 Vrms 60 Hz
Between Adjacent Contacts:
1000 Vrms 60 Hz
Between Contacts & Coil:
1000 Vrms 60 Hz
INSULATION RESISTANCE
10,000 megohms min. @ 500 Vdc
MOUNTING STYLES
TERMINALS
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
TERMINALS
MOUNTINGS
COILS
FEATURES
HFW
12
30
K
00 (n/a HMS)
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-65°C to +125°C
WEIGHT
0.46 oz. (13 gms max.)
VIBRATION RESISTANCE
HFW/HMB/HMS:
Standard: 20 G’s, 10 to 2,000 Hz
HFW/HMB:
QPL: 30 G’s,10 to 3,000 Hz
HMS:
QPL: 20 G’s, 10 to 2,500 Hz
SHOCK RESISTANCE
100 G’s, 6 ±1 ms
50 G’s, 11 ±1 ms (HMS)
QPL APPROVAL
MIL-R-39016/6 (HFW)
MIL-R-39016/22 (HMB)
MIL-R-39016/44 (HMS)
HFW HFW4A HFW5A HMBHMS
CL
.200
(5.08)
.600
(15.24)
.400
(10.16)
CL
.030 RAD.
(.76)
.190 MAX
(4.83)
BLUE BEAD
.200
(5.08)
.400
(10.16)
CL
CL
.030 +.008 –.006
(.76 +.003 –.002)
.187
±.020
(4.75
±.51)
.600
(15.24)
BLUE BEAD
.030 +.008 –.006
(.76 +.003 –.002)
1.062 (26.97)
1.078 (27.38)
1.062 (26.97)
CL
CL
CL
.020
(.51)
CL
.020
(.51)
.125
±.010
(3.18
±.25)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
CL
CL
.250
±.010
(6.35
±.25)
.810 MAX (20.57)
.810 MAX (20.57)
1.320 MAX (33.53)
.810 MAX (20.57)
1.320 MAX
(33.53)
1.078 (27.38)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
01
30
31
12
11


Similar Part No. - HFW1131K05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
More results

Similar Description - HFW1131K05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW MACOM-HFW Datasheet
86Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
SRBW-4C-24B MACOM-SRBW-4C-24B Datasheet
98Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
LRBW-4C-24B MACOM-LRBW-4C-24B Datasheet
93Kb / 2P
   HALF SIZE LATCHING HIGH PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
   HIGH PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
   HIGH-PERFORMANCE RELAYS
MGA MACOM-MGA Datasheet
96Kb / 2P
   GRID HIGH-PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
   GRID HIGH-PERFORMANCE RELAYS
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
MACDG-26S MACOM-MACDG-26S Datasheet
102Kb / 2P
   TO-5 HIGH-PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com