Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ9945BEY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ9945BEY
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945BEY Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ9945BEY Datasheet HTML 1Page - Vishay Siliconix SQ9945BEY Datasheet HTML 2Page - Vishay Siliconix SQ9945BEY Datasheet HTML 3Page - Vishay Siliconix SQ9945BEY Datasheet HTML 4Page - Vishay Siliconix SQ9945BEY Datasheet HTML 5Page - Vishay Siliconix SQ9945BEY Datasheet HTML 6Page - Vishay Siliconix SQ9945BEY Datasheet HTML 7Page - Vishay Siliconix SQ9945BEY Datasheet HTML 8Page - Vishay Siliconix SQ9945BEY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQ9945BEY
www.vishay.com
Vishay Siliconix
S12-1522-Rev. C, 25-Jun-12
2
Document Number: 71504
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1
μA
VGS = 0 V
VDS = 60 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 175 °C
-
-
150
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS5 V
20
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 3.4 A
-
0.045
0.064
VGS = 10 V
ID = 3.4 A, TJ = 125 °C
-
-
0.110
VGS = 10 V
ID = 3.4 A, TJ = 175 °C
-
-
0.137
VGS = 4.5 V
ID = 3.7 A
-
0.060
0.082
Forward Transconductancef
gfs
VDS = 15 V, ID = 3.7 A
-
12
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
375
470
pF
Output Capacitance
Coss
-70
88
Reverse Transfer Capacitance
Crss
-30
36
Total Gate Chargec
Qg
VGS = 10 V
VDS = 30 V, ID = 4.3 A
-8
12
nC
Gate-Source Chargec
Qgs
-1.2
1.5
Gate-Drain Chargec
Qgd
-1.7
2.6
Gate Resistance
Rg
f = 1 MHz
2.22
-
6.66
Turn-On Delay Timec
td(on)
VDD = 30 V, RL = 8.8 
ID  3.4 A, VGEN = 10 V, Rg = 1 
-6
9
ns
Rise Timec
tr
-2.8
4.2
Turn-Off Delay Timec
td(off)
-17
26
Fall Timec
tf
-1.7
3
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
21.5
A
Forward Voltage
VSD
IF = 2 A, VGS = 0 V
-
0.75
1.1
V


Similar Part No. - SQ9945BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945BEY VISHAY-SQ9945BEY Datasheet
254Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 25-Jun-12
SQ9945BEY VISHAY-SQ9945BEY Datasheet
206Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ9945BEY VISHAY-SQ9945BEY Datasheet
213Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945BEY VISHAY-SQ9945BEY Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
logo
VBsemi Electronics Co.,...
SQ9945BEY-T1-GE3 VBSEMI-SQ9945BEY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SQ9945BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB60EP VISHAY-SQJB60EP Datasheet
232Kb / 7P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com