Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCK1512S05 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCK1512S05
Description  2:1 Input Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK1512S05 Datasheet(HTML) 1 Page - XP Power Limited

  JCK1512S05 Datasheet HTML 1Page - XP Power Limited JCK1512S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
15 Watts
2:1 Input Range
Industry Standard Package
1500 VDC Isolation
Continuous Short Circuit Protection
High Efficiency
up to 89%
40 °C to +100 °C Operating Temperature
3 Year Warranty
JCK Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Reflected
• 20 mA rms through 12 µH inductor,
Ripple Current
5 Hz to 20 MHz
Under Voltage Lockout
• 12 V models On 8.6 V, Off 7.9 V typical
24 V models On 17.8 V, Off 16 V typical
48 V models On 33.5 V, Off 30.5 V typical
Input Surge
• 12 V models 30 VDC for 100 ms
24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max for single and dual outputs
except ±0.8% for D03 versions
Cross Regulation
• ±5% max on dual output models
(see note 2)
Setpoint Accuracy
• ±1.0% max
Start Up Delay
• <20 ms
Start Up Rise Time
• <5 ms
Ripple & Noise
• 75 mV pk-pk max (see note 3)
Transient Response
• ±3% max deviation, recovery to within 1%
in 250 µs for a 25% load change
Temperature
• 0.02%/°C
Coefficient
Overload Protection
• >140% of full load at nominal input
Short Circuit Protection
• Trip & restart (hiccup mode) with
auto recovery
Maximum Capacitive
• See table
Load
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1600 VDC Input to Output,
optional 3500 V (see note 4)
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 1200 pF typical
Isolation Resistance
• 109
Ωmin
Switching Frequency
• 300 kHz typical
Power Density
• 18.75 W/in3
MTBF
• >1.1 MHrs to MIL-HDBK-217F
at 25 şC, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +70 °C to 0% load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
EMC
Emissions
• EN55022, Class A conducted
& radiated with external components,
see application note
ESD Immunity
• EN61000-4-2, 8 kV air, 6 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3 10 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4 level 3, Perf Criteria B*
Surge
• EN61000-4-5 level 2, Perf Criteria B*
Conducted Immunity
• EN61000-4-6 10 V/rms,Perf Criteria A
Magnetic Field
• EN61000-4-8 1 A/m, Perf Criteria A
*External input capacitor required 220 µF/100 V.


Similar Part No. - JCK1512S05

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
   Designed for surface mounting on high density circuit board
logo
XP Power Limited
JCK2012D12 XPPOWER-JCK2012D12 Datasheet
294Kb / 2P
   20 Watts JCK Series
JCK2012D15 XPPOWER-JCK2012D15 Datasheet
294Kb / 2P
   20 Watts JCK Series
JCK2012S05 XPPOWER-JCK2012S05 Datasheet
294Kb / 2P
   20 Watts JCK Series
JCK2012S12 XPPOWER-JCK2012S12 Datasheet
294Kb / 2P
   20 Watts JCK Series
More results

Similar Description - JCK1512S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
   2 1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
JCK3024S05 XPPOWER-JCK3024S05 Datasheet
82Kb / 2P
   2 1 Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com