Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IE0512S Datasheet(PDF) 1 Page - XP Power Limited

Part # IE0512S
Description  Single Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IE0512S Datasheet(HTML) 1 Page - XP Power Limited

  IE0512S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04-Feb-13
Specification
1 Watt
Single Output
SIP or DIP Package
1000 VDC Isolation
Optional 3000 VDC Isolation
Small Package Sizes
40 °C to +85 °C Operation
3 Year Warranty
IE Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected
• 20 mA pk-pk through 12 µH inductor 5Hz
Ripple Current
to 20 MHz
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• None(5)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• 10% for a 20-100% load change(5)
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 100 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• 220 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC minimum
(3000 VDC -H option)
Isolation Resistance
• 109
Isolation Capacitance
• 60 pF typical
Switching Frequency
• 40-150 KHz variable
MTBF
• >1.1 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
0.08
(2.03)
0.01
(0.25)
-Vin
-Vout +Vout
+Vin
0.06
(1.60)
Bottom View
Bottom View
0.46
(11.68)
0.02
(0.5)
0.12
(3.00)
-Vin
-Vout
+Vout
+Vin
0.12
(3.05)
SIP Package
DIP Package
0.50
(12.70)
0.40
(10.14)
0.24(4)
(6.00)
0.27
(6.86)
0.38
(9.65)
0.02
(0.5)
0.02
(0.5)
0.2
(5.1)
0.30
(7.62)
0.01
(0.25)
0.30
(7.62)
0.30
(7.62)
Input
Voltage(3)
No Load
Input Current
Output
Voltage
Output
Current
Efficiency Model Number(1,2)
3.3 VDC
25 mA
3.3 V
300 mA
71%
IE0303S
25 mA
5.0 V
200 mA
75%
IE0305S
30 mA
9.0 V
111 mA
74%
IE0309S
45 mA
12.0 V
84 mA
74%
IE0312S
40 mA
15.0 V
66 mA
77%
IE0315S
40 mA
24.0 V
42 mA
77%
IE0324S
5 VDC
25 mA
3.3 V
300 mA
72%
IE0503S†^
25 mA
5.0 V
200 mA
75%
IE0505S†^
25 mA
9.0 V
111 mA
77%
IE0509S†^
25 mA
12.0 V
84 mA
78%
IE0512S†^
25 mA
15.0 V
66 mA
78%
IE0515S†^
25 mA
24.0 V
42 mA
80%
IE0524S†^
12 VDC
16 mA
3.3 V
300 mA
72%
IE1203S†^
16 mA
5.0 V
200 mA
75%
IE1205S†^
16 mA
9.0 V
111 mA
77%
IE1209S†^
16 mA
12.0 V
84 mA
80%
IE1212S†^
16 mA
15.0 V
66 mA
78%
IE1215S†^
16 mA
24.0 V
42 mA
78%
IE1224S†^
24 VDC
10 mA
3.3 V
300 mA
72%
IE2403S†^
10 mA
5.0 V
200 mA
75%
IE2405S†^
10 mA
9.0 V
111 mA
77%
IE2409S†^
10 mA
12.0 V
84 mA
80%
IE2412S†^
10 mA
15.0 V
66 mA
78%
IE2415S†^
10 mA
24.0 V
42 mA
80%
IE2424S†^
Mechanical Details
1. For DIP package, replace ‘S’ in model number with ‘D’.
2. Add suffix ‘-H’ to model number for 3000 VDC isolation.
3. For 48 VDC in, specify model number as IE48XXS (not available in DIP package).
4. 48 VDC input models dimension is 0.29 (7.5).
5. Operation at no load will not damage unit but it may not meet all specifications.
6. All dimensions in inches (mm).
7. Pin pitch tolerance: ±0.014 (±0.35)
8. Case tolerance: ±0.02 (±0.5)
9. Weight: SIP 0.003 lbs (1.4 g), DIP 0.004 lbs (1.8 g)
Notes
Available from Farnell & element14. See pages 284-290.
^ Available from Newark. See pages 291-296.


Similar Part No. - IE0512S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IE0512S ETC1-IE0512S Datasheet
376Kb / 2P
   DC/DC Converters
logo
XP Power Limited
IE0512S XPPOWER-IE0512S Datasheet
47Kb / 1P
   DC-DC Power Supplies
IE0512S XPPOWER-IE0512S Datasheet
105Kb / 1P
   1 Watt IE Series
IE0512S XPPOWER-IE0512S Datasheet
105Kb / 1P
   Single Output
IE0512S XPPOWER-IE0512S Datasheet
54Kb / 1P
   Single Output
More results

Similar Description - IE0512S

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com