Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6287 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6287
Description  Darlington ComplementarySilicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6287 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6287 Datasheet HTML 1Page - ON Semiconductor 2N6287 Datasheet HTML 2Page - ON Semiconductor 2N6287 Datasheet HTML 3Page - ON Semiconductor 2N6287 Datasheet HTML 4Page - ON Semiconductor 2N6287 Datasheet HTML 5Page - ON Semiconductor 2N6287 Datasheet HTML 6Page - ON Semiconductor 2N6287 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
4
ACTIVE−REGION SAFE OPERATING AREA
50
Figure 5. 2N6284, 2N6287
20
2.0
0.05
50
100
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
1.0
0.1
2.0
5.0
20
10
0.1 ms
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
TJ = 200°C
dc
5.0 ms
1.0 ms
0.5 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e. the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk) < 200_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
10,000
1.0
Figure 6. Small−Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0 10
20
50 100
200
1000
500
100
5000
20
200
500
2000
1000
50
TJ = 25°C
VCE = 3.0 Vdc
IC = 10 A
1000
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
2.0
5.0
20
100
10
500
300
200
Cib
Cob
50
0.2
0.5
2N6284 (NPN)
2N6287 (PNP)
TJ = 25°C
700
2N6284 (NPN)
2N6287 (PNP)


Similar Part No. - 2N6287

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6287 MOSPEC-2N6287 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
logo
Seme LAB
2N6287 SEME-LAB-2N6287 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
ON Semiconductor
2N6287 ONSEMI-2N6287 Datasheet
214Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
2N6287 ONSEMI-2N6287 Datasheet
141Kb / 7P
   Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 4
logo
STMicroelectronics
2N6287 STMICROELECTRONICS-2N6287 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - 2N6287

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJD6039 ONSEMI-MJD6039_12 Datasheet
188Kb / 5P
   Darlington Power Transistors
February, 2012 ??Rev. 9
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com