Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC-LRF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LRC-LRF
Description  FHS LENSES SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LRC-LRF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LRC-LRF Datasheet HTML 2Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 3Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 4Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 5Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 6Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 7Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 8Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 9Page - List of Unclassifed Manufacturers LRC-LRF Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Published by Fraen Corporation.
All technical data contained in this document are properties of Fraen Corporation and may change without notice.
FHS - XXXX - YYYY - Z
FHS - XXXX - YYYY - Z
HNB1 - Narrow beam lens
HMB1 - Medium beam lens
HWB1 - Wide beam lens
HEB1 - Elliptical beam lens
LENS TYPE
0
- without holder
H
- with plastic holder
OPTIONS
LB01 - Luxeon Batwing 1W
LL01
- Luxeon Lambertian 1W
LEDs VERSION
10
2003-06-16
ORDERING NUMBER
FHS LENSES SERIES
Lenses are distributed by Future Electronics.
For more information please contact:
North America Phone: 1-888-LUXEON2
Email: askluxeon@futureelectronics.com
Europe
Phone: 00-800-44-FUTURE
Email: luxeon.europe@futureelectronics.com
Asia
Phone: 1-800-LUMILEDS
Email: lumileds.asia@futureelectronics.com


Similar Part No. - LRC-LRF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LRC-LRF1206-01-R020-F IRCTT-LRC-LRF1206-01-R020-F Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LRF1206-01-R020-G IRCTT-LRC-LRF1206-01-R020-G Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LRF1206-01-R020-J IRCTT-LRC-LRF1206-01-R020-J Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LRF1206LF-01-R020-F IRCTT-LRC-LRF1206LF-01-R020-F Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LRF1206LF-01-R020-G IRCTT-LRC-LRF1206LF-01-R020-G Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
More results

Similar Description - LRC-LRF

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
   ZMOTION짰 Lenses
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
   S-mount lenses
logo
Dialight Corporation
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
   20mm LENSES AND HOLDERS
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
   Micro Aspherical Glass Lenses
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
   Basepart for reflectors and lenses
logo
List of Unclassifed Man...
FA10301_OSS-M ETC2-FA10301_OSS-M Datasheet
1Mb / 4P
   OSS SQUARE lenses for Osram Dragon LEDs
logo
Ledil, Inc.
DAISY-4X1-WW-D LEDIL-DAISY-4X1-WW-D Datasheet
12Mb / 8P
   ~80째 wide beam. Variant with diffused lenses
DAISY-7X1-W-D LEDIL-DAISY-7X1-W-D Datasheet
13Mb / 9P
   ~50째 wide beam. Variant with diffused lenses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com