Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF306 Datasheet(PDF) 3 Page - Tyco Electronics

Part # HF306
Description  RF Signal Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF306 Datasheet(HTML) 3 Page - Tyco Electronics

  HF306 Datasheet HTML 1Page - Tyco Electronics HF306 Datasheet HTML 2Page - Tyco Electronics HF306 Datasheet HTML 3Page - Tyco Electronics HF306 Datasheet HTML 4Page - Tyco Electronics HF306 Datasheet HTML 5Page - Tyco Electronics HF306 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
RF Signal Relays
HF3 Relay (Continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version (continued)
Typical RF performance, 75Ω version (continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
Frequency [Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
3000
Frequency[Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
Frequency[Mhz]
Terminal assignment
TOP view on component side of PCB
Monostable
Bistable, 1 coil
Contacts are shown in reset condition.
Contact position might change during
transportation and must be reset before
use.
Bistable, 2 coils
1
12
2 3 4 5 6 7 8 9 10 11
13
14
15
16
17
18
19
20
21
22
HF3-PIN-2SPULEN
+
-
+
- reset
set
+
-
+
-
reset
set
NO
NC
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version
Typical RF performance, 75Ω version
NC
NO
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency [Mhz]


Similar Part No. - HF306

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF306 MACOM-HF306 Datasheet
1Mb / 12P
   Signal and RF Relays
logo
Soshin electric Co., Lt...
HF3060A-TM SOSHIN-HF3060A-TM Datasheet
303Kb / 4P
   3-phase 3-line 250VAC
HF3060A-TMA SOSHIN-HF3060A-TMA Datasheet
193Kb / 4P
   3-phase 3-line 250VAC
HF3060A-UN SOSHIN-HF3060A-UN Datasheet
233Kb / 4P
   3-phase 3-line 250VAC
HF3060C-SZA SOSHIN-HF3060C-SZA Datasheet
283Kb / 5P
   3-phase 3-line 500VAC
More results

Similar Description - HF306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
   Signal and RF Relays
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com