Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59060A0160A010 Datasheet(PDF) 7 Page - EPCOS

Part # B59060A0160A010
Description  PTC thermistors as heating elements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59060A0160A010 Datasheet(HTML) 7 Page - EPCOS

  B59060A0160A010 Datasheet HTML 1Page - EPCOS B59060A0160A010 Datasheet HTML 2Page - EPCOS B59060A0160A010 Datasheet HTML 3Page - EPCOS B59060A0160A010 Datasheet HTML 4Page - EPCOS B59060A0160A010 Datasheet HTML 5Page - EPCOS B59060A0160A010 Datasheet HTML 6Page - EPCOS B59060A0160A010 Datasheet HTML 7Page - EPCOS B59060A0160A010 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TC
Ferroelectric Curie temperature
tE
Settling time (for level sensors)
TR
Rated temperature
Tsense
Sensing temperature
Top
Operating temperature
TPTC
PTC temperature
tR
Response time
Tref
Reference temperature
TRmin
Temperature at minimum resistance
tS
Switching time
Tsurf
Surface temperature
UCT
Upper category temperature
V or Vel
Voltage (with subscript only for distinction from volume)
Vc(max)
Maximum DC charge voltage of the surge generator
VF,max
Maximum voltage applied at fault conditions in protection mode
VRMS
Root-mean-square value of voltage
VBD
Breakdown voltage
Vins
Insulation test voltage
Vlink,max
Maximum link voltage
Vmax
Maximum operating voltage
Vmax,dyn
Maximum dynamic (short-time) operating voltage
Vmeas
Measuring voltage
Vmeas,max
Maximum measuring voltage
VR
Rated voltage
VPTC
Voltage drop across a PTC thermistor
α
Temperature coefficient
Tolerance, change
δth
Dissipation factor
τth
Thermal cooling time constant
λ
Failure rate
Lead spacing (in mm)
Abbreviations / Notes
Surface-mount devices
* To be replaced by a number in ordering codes, type designations etc.
+ To be replaced by a letter
All dimensions are given in mm.
The commas used in numerical values denote decimal points.
Heating elements
Metallized round disks, 12 V
A60
Page 7 of 8
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59060A0160A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59060A0160A010 EPCOS-B59060A0160A010 Datasheet
82Kb / 3P
   Metallized Round Disks, 12 V Heating Elements
B59060A0160A010 EPCOS-B59060A0160A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
More results

Similar Description - B59060A0160A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
   PTC thermistors as heating elements
logo
Vishay Siliconix
PTCHP12S VISHAY-PTCHP12S Datasheet
62Kb / 2P
   PTC Thermistors for Heating Application
01-Jan-2022
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
   PTC thermistors as point level sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com