Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59346A1502P020 Datasheet(PDF) 9 Page - EPCOS

Part # B59346A1502P020
Description  PTC thermistors for switching applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59346A1502P020 Datasheet(HTML) 9 Page - EPCOS

Back Button B59346A1502P020 Datasheet HTML 3Page - EPCOS B59346A1502P020 Datasheet HTML 4Page - EPCOS B59346A1502P020 Datasheet HTML 5Page - EPCOS B59346A1502P020 Datasheet HTML 6Page - EPCOS B59346A1502P020 Datasheet HTML 7Page - EPCOS B59346A1502P020 Datasheet HTML 8Page - EPCOS B59346A1502P020 Datasheet HTML 9Page - EPCOS B59346A1502P020 Datasheet HTML 10Page - EPCOS B59346A1502P020 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Symbols and terms
A
Area
C
Capacitance
Cth
Heat capacity
f
Frequency
I
Current
Imax
Maximum current
IR
Rated current
Ires
Residual current
IPTC
PTC current
Ir
Residual currrent
Ir,oil
Residual currrent in oil (for level sensors)
Ir,air
Residual currrent in air (for level sensors)
IRMS
Root-mean-square value of current
IS
Switching current
ISmax
Maximum switching current
LCT
Lower category temperature
N
Number (integer)
Nc
Operating cycles at Vmax, charging of capacitor
Nf
Switching cycles at Vmax, failure mode
P
Power
P25
Maximum power at 25
°C
Pel
Electrical power
Pdiss
Dissipation power
RG
Generator internal resistance
Rmin
Minimum resistance
RR
Rated resistance
∆RR
Tolerance of RR
RP
Parallel resistance
RPTC
PTC resistance
Rref
Reference resistance
RS
Series resistance
R25
Resistance at 25
°C
R25,match
Resistance matching per reel/ packing unit at 25
°C
∆R25
Tolerance of R25
T
Temperature
t
Time
TA
Ambient temperature
ta
Thermal threshold time
Switching applications
PTC thermistors in plastic case, 230 V
Page 9 of 11
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59346A1502P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59346A1502P020 EPCOS-B59346A1502P020 Datasheet
66Kb / 3P
   PTC Thermistors in Plastic Case, 220 V
B59346A1502P020 EPCOS-B59346A1502P020 Datasheet
338Kb / 12P
   PTC thermistors for switching applications
More results

Similar Description - B59346A1502P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59339A1800P020 EPCOS-B59339A1800P020_09 Datasheet
338Kb / 12P
   PTC thermistors for switching applications
B59119 EPCOS-B59119 Datasheet
227Kb / 9P
   PTC thermistors for switching applications
B59118 EPCOS-B59118 Datasheet
247Kb / 6P
   PTC thermistors for switching applications
B59118 EPCOS-B59118_09 Datasheet
218Kb / 9P
   PTC thermistors for switching applications
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com