Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH20X680 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VDRH20X680
Description  VDR Metal Oxide Varistors High Surge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20X680 Datasheet(HTML) 4 Page - Vishay Siliconix

  VDRH20X680 Datasheet HTML 1Page - Vishay Siliconix VDRH20X680 Datasheet HTML 2Page - Vishay Siliconix VDRH20X680 Datasheet HTML 3Page - Vishay Siliconix VDRH20X680 Datasheet HTML 4Page - Vishay Siliconix VDRH20X680 Datasheet HTML 5Page - Vishay Siliconix VDRH20X680 Datasheet HTML 6Page - Vishay Siliconix VDRH20X680 Datasheet HTML 7Page - Vishay Siliconix VDRH20X680 Datasheet HTML 8Page - Vishay Siliconix VDRH20X680 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
36
Revision: 29-Oct-12
VDRH........E
Vishay BCcomponents VDR Metal Oxide Varistors High Surge
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
210
575
5.0
13.0
800
75
4.4 1.6 ± 0.8
4
VDRH05E210xyE 582 x211y
505 10.0
28.0
1750
190
4.4 1.6 ± 0.8
4
VDRH07K210xyE 583 x211y
275
330
505 25.0
58.0
3500
350
4.8 1.8 ± 0.8
4
VDRH10S210xyE 584 x211y
505 50.0
115.0
6000
610
4.8 1.8 ± 0.8
2
VDRH14V210xyE 585 x211y
505 100.0
228.0
10 000
1250
5.3 2.0 ± 0.8
2
VDRH20X210ByE 586 x211y
230
620
5.0
16.0
800
70
4.6 1.7 ± 0.8
4
VDRH05E230xyE 582 x231y
595 10.0
32.0
1750
170
4.6 1.7 ± 0.8
4
VDRH07K230xyE 583 x231y
300
360
595 25.0
65.0
3500
320
5.1 1.9 ± 0.8
4
VDRH10S230xyE 584 x231y
595 50.0
130.0
6000
540
5.1 1.9 ± 0.8
2
VDRH14V230xyE 585 x231y
595 100.0
255.0
10 000
1100
5.4 2.2 ± 0.8
2
VDRH20X230ByE 586 x231y
250
675
5.0
17.0
800
60
4.8 1.9 ± 0.8
4
VDRH05E250xyE 582 x251y
650 10.0
35.0
1750
160
4.8 1.9 ± 0.8
4
VDRH07K250xyE 583 x251y
320
390
650 25.0
70.0
3500
300
5.1 2.1 ± 0.8
4
VDRH10S250xyE 584 x251y
650 50.0
140.0
6000
480
5.1 2.1 ± 0.8
2
VDRH14V250xyE 585 x251y
650 100.0
275.0
10 000
960
5.5 2.3 ± 0.8
2
VDRH20X250ByE 586 x251y
275
745
5.0
20.0
800
55
4.9 2.0 ± 0.8
4
VDRH05E275xyE 582 x271y
710 10.0
40.0
1750
140
4.9 2.0 ± 0.8
4
VDRH07K275xyE 583 x271y
350
430
710 25.0
80.0
3500
270
5.3 2.2 ± 0.8
4
VDRH10S275xyE 584 x271y
710 50.0
155.0
6000
440
5.3 2.2 ± 0.8
5
VDRH14V275xyE 585 x271y
710 100.0
303.0
10 000
900
5.8 2.5 ± 0.8
5
VDRH20X275ByE 586 x271y
300
810
5.0
21.0
800
50
5.1 2.2 ± 0.8
4
VDRH05E300xyE 582 x301y
775 10.0
42.0
1750
130
5.1 2.2 ± 0.8
4
VDRH07K300xyE 583 x301y
385
470
775 25.0
85.0
3500
240
5.5 2.4 ± 0.8
4
VDRH10S300xyE 584 x301y
775 50.0
175.0
6000
400
5.5 2.4 ± 0.8
5
VDRH14V300xyE 585 x301y
775 100.0
350.0
10 000
810
5.9 2.7 ± 0.8
5
VDRH20X300ByE 586 x301y
320
420
510
880
5.0
22.0
800
45
5.5 2.4 ± 0.8
4
VDRH05E320xyE 582 x321y
842 10.0
45.0
1750
120
5.5 2.4 ± 0.8
4
VDRH07K320xyE 583 x321y
842 25.0
92.0
3500
220
6.0 2.6 ± 0.8
4
VDRH10S320xyE 584 x321y
842 50.0
190.0
6000
370
6.0 2.6 ± 0.8
5
VDRH14V320xyE 585 x321y
842 100.0
382.0
10 000
750
6.3 2.9 ± 0.8
5
VDRH20X320ByE 586 x321y
350
460
560
940
5.0
25.0
800
42
5.8 2.7 ± 0.8
4
VDRH05E350xyE 582 x351y
920 10.0
51.0
1750
110
5.8 2.7 ± 0.8
4
VDRH07K350xyE 583 x351y
920 25.0
102.0
3500
200
6.1 2.9 ± 0.8
4
VDRH10S350xyE 584 x351y
920 50.0
205.0
6000
320
6.1 2.9 ± 0.8
2
VDRH14V350xyE 585 x351y
920 100.0
410.0
10 000
650
6.5 3.2 ± 0.8
2
VDRH20X350ByE 586 x351y
385
505
620
1050 5.0
27.0
800
40
6.0 3.0 ± 0.8
4
VDRH05E385xyE 582 x381y
1025 10.0
54.0
1750
95
6.0 3.0 ± 0.8
4
VDRH07K385xyE 583 x381y
1025 25.0
107.0
3500
180
6.5 3.2 ± 0.8
3
VDRH10S385xyE 584 x381y
1025 50.0
215.0
6000
280
6.5 3.2 ± 0.8
2
VDRH14V385xyE 585 x381y
1025 100.0
420.0
10 000
570
6.8 3.5 ± 0.8
2
VDRH20X385ByE 586 x381y
420
560
680
1150 5.0
28.0
800
35
6.3 3.2 ± 0.8
4
VDRH05E420xyE 582 x421y
1120 10.0
56.0
1750
85
6.3 3.2 ± 0.8
4
VDRH07K420xyE 583 x421y
1120 25.0
112.0
3500
165
6.7 3.4 ± 0.8
3
VDRH10S420xyE 584 x421y
1120 50.0
225.0
6000
250
6.7 3.4 ± 0.8
2
VDRH14V420xyE 585 x421y
1120 100.0
430.0
10 000
510
7.1 3.7 ± 0.8
2
VDRH20X420ByE 586 x421y
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (8)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (7)
12NC (6)
2381-


Similar Part No. - VDRH20X680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20X680ByE VISHAY-VDRH20X680ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20X680BYE VISHAY-VDRH20X680BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH20X680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com