Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH10S680 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VDRH10S680
Description  VDR Metal Oxide Varistors High Surge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S680 Datasheet(HTML) 2 Page - Vishay Siliconix

  VDRH10S680 Datasheet HTML 1Page - Vishay Siliconix VDRH10S680 Datasheet HTML 2Page - Vishay Siliconix VDRH10S680 Datasheet HTML 3Page - Vishay Siliconix VDRH10S680 Datasheet HTML 4Page - Vishay Siliconix VDRH10S680 Datasheet HTML 5Page - Vishay Siliconix VDRH10S680 Datasheet HTML 6Page - Vishay Siliconix VDRH10S680 Datasheet HTML 7Page - Vishay Siliconix VDRH10S680 Datasheet HTML 8Page - Vishay Siliconix VDRH10S680 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
34
Revision: 29-Oct-12
VDRH........E
Vishay BCcomponents VDR Metal Oxide Varistors High Surge
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (8)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (7)
12NC (6)
2381-
11
14
18
40
1.0
0.7
250
1600
3.4
0.5 ± 0.3
4
VDRH05B011xyE 582 x110y
36
2.5
1.5
500
3600
3.4
0.5 ± 0.3
4
VDRH07D011xyE 583 x110y
36
5.0
2.6
1000
8000
3.8
0.7 ± 0.3
4
VDRH10G011xyE 584 x110y
36
10.0
5.2
2000
20 000
3.8
0.7 ± 0.3
4
VDRH14M011xyE 585 x110y
14
18
22
48
1.0
0.8
250
1300
3.4 0.7 ± 0.3
4
VDRH05B014xyE 582 x140y
43
2.5
1.7
500
2800
3.4 0.7 ± 0.3
4
VDRH07D014xyE 583 x140y
43
5.0
3.2
1000
6000
3.8 0.9 ± 0.3
4
VDRH10G014xyE 584 x140y
43
10.0
6.3
2000
15 000
3.8 0.9 ± 0.3
4
VDRH14M014xyE 585 x140y
43
20.0
16.0
3000
30 000
4.2 1.1 ± 0.3
3
VDRH20R014ByE 586 x140y
17
60
1.0
1.1
250
1050
3.7 0.8 ± 0.3
4
VDRH05B017xyE 582 x170y
53
2.5
2.1
500
2000
3.7 0.8 ± 0.3
4
VDRH07D017xyE 583 x170y
22
27
53
5.0
3.9
1000
4000
4.1 1.0 ± 0.3
4
VDRH10G017xyE 584 x170y
53
10.0
7.8
2000
10 000
4.1 1.0 ± 0.3
4
VDRH14M017xyE 585 x170y
53
20.0
19.0
3000
20 000
4.5 1.2 ± 0.3
3
VDRH20R017ByE 586 x170y
20
73
1.0
1.3
250
900
3.9 1.0 ± 0.3
4
VDRH05B020xyE 582 x200y
65
2.5
2.8
500
1500
3.9 1.0 ± 0.3
4
VDRH07D020xyE 583 x200y
26
33
65
5.0
4.8
1000
3000
4.3 1.2 ± 0.3
4
VDRH10G020xyE 584 x200y
65
10.0
9.5
2000
7500
4.3 1.2 ± 0.3
4
VDRH14M020xyE 585 x200y
65
20.0
24.0
3000
15 000
4.7 1.4 ± 0.3
3
VDRH20R020ByE 586 x200y
25
86
1.0
1.5
250
500
4.2 1.2 ± 0.3
4
VDRH05B025xyE 582 x250y
77
2.5
3.0
500
1350
4.2 1.2 ± 0.3
4
VDRH07D025xyE 583 x250y
31
39
77
5.0
5.6
1000
2600
4.6 1.4 ± 0.3
4
VDRH10G025xyE 584 x250y
77
10.0
11.0
2000
6500
4.6 1.4 ± 0.3
4
VDRH14M025xyE 585 x250y
77
20.0
28.0
3000
13 000
5.0 1.6 ± 0.3
3
VDRH20R025ByE 586 x250y
30
104
1.0
1.8
250
700
4.4 1.4 ± 0.5
4
VDRH05B030xyE 582 x300y
93
2.5
3.8
500
1600
4.4 1.4 ± 0.5
4
VDRH07D030xyE 583 x300y
38
47
93
5.0
6.8
1000
2700
4.8 1.6 ± 0.5
4
VDRH10G030xyE 584 x300y
93
10.0
14.0
2000
6000
4.8 1.6 ± 0.5
4
VDRH14M030xyE 585 x300y
93
20.0
34.0
3000
12 000
5.2 1.8 ± 0.5
3
VDRH20R030ByE 586 x300y
35
123
1.0
2.2
250
560
4.8 1.7 ± 0.5
4
VDRH05B035xyE 582 x350y
110
2.5
4.4
500
1300
4.8 1.7 ± 0.5
4
VDRH07D035xyE 583 x350y
45
56
110
5.0
8.1
1000
2200
5.2 1.9 ± 0.5
4
VDRH10G035xyE 584 x350y
110 10.0
16.0
2000
4800
5.2 1.9 ± 0.5
4
VDRH14M035xyE 585 x350y
110 20.0
41.0
3000
9600
5.6 2.1 ± 0.5
3
VDRH20R035ByE 586 x350y
40
150
1.0
2.6
250
460
5.1 2.1 ± 0.5
4
VDRH05B040xyE 582 x400y
135
2.5
5.4
500
1000
5.1 2.1 ± 0.5
4
VDRH07D040xyE 583 x400y
56
68
135
5.0
9.8
1000
1800
5.5 2.3 ± 0.5
4
VDRH10G040xyE 584 x400y
135 10.0
20.0
2000
3800
5.5 2.3 ± 0.5
4
VDRH14M040xyE 585 x400y
135 20.0
49.0
3000
7600
5.9 2.5 ± 0.5
3
VDRH20R040ByE 586 x400y
50
65
82
145
5.0
3.5
800
370
3.5 0.6 ± 0.3
4
VDRH05E050xyE 582 x500y
135 10.0
7.0
1750
900
3.5 0.6 ± 0.3
4
VDRH07K050xyE 583 x500y
135 25.0
14.0
3500
1500
3.9 0.8 ± 0.3
3
VDRH10S050xyE 584 x500y
135 50.0
28.0
6000
3100
3.9 0.8 ± 0.3
2
VDRH14V050xyE 585 x500y


Similar Part No. - VDRH10S680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S680ByE VISHAY-VDRH10S680ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10S680BYE VISHAY-VDRH10S680BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com