Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH20X550 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VDRH20X550
Description  VDR Metal Oxide Varistors High Surge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20X550 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VDRH20X550 Datasheet HTML 2Page - Vishay Siliconix VDRH20X550 Datasheet HTML 3Page - Vishay Siliconix VDRH20X550 Datasheet HTML 4Page - Vishay Siliconix VDRH20X550 Datasheet HTML 5Page - Vishay Siliconix VDRH20X550 Datasheet HTML 6Page - Vishay Siliconix VDRH20X550 Datasheet HTML 7Page - Vishay Siliconix VDRH20X550 Datasheet HTML 8Page - Vishay Siliconix VDRH20X550 Datasheet HTML 9Page - Vishay Siliconix VDRH20X550 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
38
Revision: 29-Oct-12
VDRH........E
Vishay BCcomponents VDR Metal Oxide Varistors High Surge
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF
PULSE WIDTH
Note
(1) Tmax. and E values per size and voltage level can be found back in the Electrical Data table
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
11 to 680
V
DC
14 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 µs):
VDRH05......E
250 or 800
A
VDRH07......E
500 or 1750
A
VDRH10......E
1000 or 3500
A
VDRH14......E
2000 or 6000
A
VDRH20......E
3000 or 10 000
A
Thermal resistance:
VDRH05......E
80
K/W
VDRH07......E
70
K/W
VDRH10......E
60
K/W
VDRH14......E
50
K/W
VDRH20......E
40
K/W
Maximum dissipation:
VDRH05......E
100
mW
VDRH07......E
250
mW
VDRH10......E
400
mW
VDRH14......E
600
mW
VDRH20......E
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
2500
V
Storage temperature
- 40 to + 150
°C
Operating temperature
- 40 to + 125
°C
100 %
0
- 40
125
T
amb (°C)
Maximum Voltage
Maximum Dissipation
Maximum Energy
Maximum Transient Current
150
t (µs)
t
2
t
1
I
p
(%)
100
0
10
50
90
t
2 (µs)
20
50
100
1000
K
1
1.2
1.3
1.4
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D
MAX.
A
MAX.
A0
MAX.
L
MIN.
T (1)
MAX.
E (1)
d
F
CATALOG NUMBER
7.0
9.0
11.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRH05......E
9.0
11.0
13.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRH07......E
13.5
15.5
18.0
17.0
8
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRH10......E
17.0
19.0
23.0
16.0
8
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRH14......E
23.0
25.0
28.0
24.0
10
1.1 to 5.8
1.0 ± 0.05
10 ± 1.0
VDRH20......E


Similar Part No. - VDRH20X550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20X550ByE VISHAY-VDRH20X550ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20X550BYE VISHAY-VDRH20X550BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH20X550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com