Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3D4770040045 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TR3D4770040045
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3D4770040045 Datasheet(HTML) 2 Page - Vishay Siliconix

  TR3D4770040045 Datasheet HTML 1Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 2Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 3Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 4Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 5Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 6Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 7Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 8Page - Vishay Siliconix TR3D4770040045 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 19-Jul-13
2
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
V
7343-20
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.079 max.
[2.0 max.]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
W
7361-38
0.287 ± 0.012
[7.3 ± 0.30]
0.236 ± 0.012
[6.0 ± 0.30]
0.138 ± 0.012
[3.5 ± 0.30]
0.047 ± 0.008
[1.2 ± 0.20]
0.122 ± 0.004
[3.1 ± 0.10]
0.069
[1.75]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
0.15
A (10.0)
0.22
A (6.00)
A (10.0)
0.33
A (6.00)
A (7.00)
0.47
A (7.00)
A (4.00),
B (4.00)
B (6.00),
C (2.30)
0.68
A (6.00)
A (6.00, 4.00)
1.0
A (6.20)
A (5.50, 3.00)
A (4.00)
A (6.00, 4.00,
3.00),
B (2.00)
B (4.00, 2.00),
C (1.60)
1.5
A (3.00)
A (4.00, 3.00),
B (1.80)
B (3.00, 2.00),
C (2.50, 0.90)
B (2.00),
C (1.50)
2.2
A (6.80, 6.00,
1.80)
A (4.00, 3.50,
1.80)
A (4.00, 3.00)
A (4.00),
B (1.70, 1.50,
1.20, 0.90)
B (2.50, 2.00,
1.50),
C (1.50, 0.90)
B (2.00),
C (1.50),
D (0.80)
3.3
A (2.10)
A (4.00, 3.50),
B (2.50)
A (4.00),
B (1.30)
A (3.50, 3.00),
B (2.00, 1.50,
0.75)
B (1.50, 1.00),
C (0.80, 0.70,
0.60)
C (1.50),
D (0.80)
4.7
A (3.00, 1.50,
1.40, 1.00),
B (1.40)
A (3.00, 2.50,
2.00, 1.50),
B (1.50, 0.80)
A (3.50, 1.80),
B (1.00, 0.75)
A (3.50, 3.00),
B (1.50, 1.00,
0.90, 0.70),
C (0.60, 0.525)
B (1.50, 1.00,
0.70),
C (0.70, 0.60,
0.50),
D (0.70)
C (1.00, 0.70,
0.50),
D (0.70, 0.60,
0.50, 0.30),
E (0.60, 0.30)
D (0.70)
6.8
A (1.80)
A (1.80, 3.00),
B (1.30)
A (3.00, 1.50),
B (1.20, 0.60)
A (3.20, 3.00,
2.60),
B (1.00, 0.60)
B (2.00, 1.50,
1.20, 0.70,
0.50, 0.40),
C (0.60, 0.50)
C (0.90,
0.475),
D (0.50, 0.40,
0.30),
E (0.30)
D (0.70, 0.60,
0.50, 0.30),
E (0.55, 0.50)
H
W
Glue Pad
T
W
P
L
T
H
(MIN.)
Glue Pad


Similar Part No. - TR3D4770040045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3D477 VISHAY-TR3D477 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3D477100420060 VISHAY-TR3D477100420060 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D477100420100 VISHAY-TR3D477100420100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D477100420125 VISHAY-TR3D477100420125 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3D477100430035 VISHAY-TR3D477100430035 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3D4770040045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com