Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDCS7328ER680M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IDCS7328ER680M
Description  High Current, Surface Mount Inductors - Shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDCS7328ER680M Datasheet(HTML) 1 Page - Vishay Siliconix

  IDCS7328ER680M Datasheet HTML 1Page - Vishay Siliconix IDCS7328ER680M Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IDCS-7328
www.vishay.com
Vishay Dale
Revision: 20-Sep-13
1
Document Number: 34011
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current, Surface Mount Inductors - Shielded
FEATURES
• High energy storage
• Low resistance
• Magnetically shielded
• Tape and reel packaging for automatic handling
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 μH to 1000 μH, tested at 1.0 VRMS
Inductance Tolerance: 20 %, tighter tolerance available
upon request
Operating Temperature: -40 °C to +125 °C
Resistance to Solder Heat: 260 °C for 10 s
MECHANICAL SPECIFICATIONS
Core: Ferrite
Wire: Enamelled copper wire
Base: LCP
Terminals: Nickel bronze
Adhesive: Epoxy resin
Notes
• Inductance drop = 10 % typ. at ISAT
T = 40 °C typ. at I
RMS
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE (μH)
TOLERANCE
TEST FREQUENCY L (kHz)
DCR MAX. (
)I
SAT (A)
IRMS (A)
10
± 20 %
100
0.040
8.0
3.9
15
± 20 %
100
0.048
7.0
3.4
22
± 20 %
100
0.059
6.0
3.1
33
± 20 %
100
0.075
5.0
2.8
47
± 20 %
100
0.097
4.0
2.4
68
± 20 %
100
0.138
3.0
2.0
100
± 20 %
100
0.207
2.4
1.7
150
± 20 %
100
0.293
2.1
1.3
220
± 20 %
100
0.47
1.9
1.1
330
± 20 %
100
0.78
1.1
0.86
470
± 20 %
100
1.08
1.1
0.73
680
± 20 %
100
1.40
0.96
0.64
1000
± 20 %
100
2.01
0.80
0.53
DIMENSIONS in inches [millimeters]
A (Max.)
B (Max.)
D (Max.)
E
F
G
H
I
J
0.730 [18.54]
0.600 [15.24]
0.300 [7.62]
0.100 [2.54]
0.100 [2.54]
0.500 [12.70]
0.115 [2.92]
0.490 [12.45]
0.110 [2.79]
DESCRIPTION
IDCS-7328
10 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
D
C
S
732
8
E
R
100
M
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
F
E
G
A
Max.
B
Max.
I
H
J
D
Max.


Similar Part No. - IDCS7328ER680M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCS7328ER100M VISHAY-IDCS7328ER100M Datasheet
71Kb / 2P
   High Current, Surface Mount Inductors - Shielded
IDCS7328ER100M VISHAY-IDCS7328ER100M Datasheet
70Kb / 2P
   High Current, Surface Mount Inductors - ShieldedS
01-Jan-2022
More results

Similar Description - IDCS7328ER680M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCS-5020 VISHAY-IDCS-5020_17 Datasheet
81Kb / 2P
   High Current, Surface Mount Inductors - Shielded
Revision: 21-Apr-17
IDCS2512 VISHAY-IDCS2512 Datasheet
101Kb / 2P
   High Current, Surface Mount Inductors - Shielded
IDCS-2512 VISHAY-IDCS-2512_V01 Datasheet
100Kb / 2P
   High Current, Surface Mount Inductors - Shielded
01-Jan-2022
IDCS7328 VISHAY-IDCS7328 Datasheet
71Kb / 2P
   High Current, Surface Mount Inductors - Shielded
IDCS-7328 VISHAY-IDCS-7328_17 Datasheet
73Kb / 2P
   High Current, Surface Mount Inductors - Shielded
Revision: 21-Apr-17
IDCS-2512 VISHAY-IDCS-2512_17 Datasheet
103Kb / 2P
   High Current, Surface Mount Inductors - Shielded
Revision: 21-Apr-17
IDCS5020 VISHAY-IDCS5020 Datasheet
80Kb / 2P
   High Current, Surface Mount Inductors - Shielded
IDCP3916 VISHAY-IDCP3916 Datasheet
107Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
IDC2512 VISHAY-IDC2512 Datasheet
100Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
IDCP3722 VISHAY-IDCP3722 Datasheet
123Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com