Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH10S550 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRH10S550
Description  VDR Metal Oxide Varistors High Surge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S550 Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRH10S550 Datasheet HTML 1Page - Vishay Siliconix VDRH10S550 Datasheet HTML 2Page - Vishay Siliconix VDRH10S550 Datasheet HTML 3Page - Vishay Siliconix VDRH10S550 Datasheet HTML 4Page - Vishay Siliconix VDRH10S550 Datasheet HTML 5Page - Vishay Siliconix VDRH10S550 Datasheet HTML 6Page - Vishay Siliconix VDRH10S550 Datasheet HTML 7Page - Vishay Siliconix VDRH10S550 Datasheet HTML 8Page - Vishay Siliconix VDRH10S550 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 29-Oct-12
35
VDRH........E
VDR Metal Oxide Varistors High Surge Vishay BCcomponents
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60
175
5.0
4.5
800
290
3.7 0.7 ± 0.3
4
VDRH05E060xyE 582 x600y
165 10.0
9.0
1750
700
3.7 0.7 ± 0.3
4
VDRH07K060xyE 583 x600y
85
100
165 25.0
18.0
3500
1200
4.1 0.9 ± 0.3
4
VDRH10S060xyE 584 x600y
165 50.0
36.0
6000
2300
4.1 0.9 ± 0.3
2
VDRH14V060xyE 585 x600y
165 100.0
72.0
10 000
4600
4.5 1.1 ± 0.3
2
VDRH20X060ByE 586 x600y
75
210
5.0
5.5
800
240
4.0 0.9 ± 0.3
4
VDRH05E075xyE 582 x750y
200 10.0
11.0
1750
530
4.0 0.9 ± 0.3
4
VDRH07K075xyE 583 x750y
100
120
200 25.0
22.0
3500
1000
4.4 1.1 ± 0.3
4
VDRH10S075xyE 584 x750y
200 50.0
44.0
6000
1900
4.4 1.1 ± 0.3
2
VDRH14V075xyE 585 x750y
200 100.0
88.0
10 000
3800
4.8 1.3 ± 0.3
2
VDRH20X075ByE 586 x750y
95
260
5.0
6.5
800
180
4.2 1.1 ± 0.3
4
VDRH05E095xyE 582 x950y
250 10.0
13.0
1750
450
4.2 1.1 ± 0.3
4
VDRH07K095xyE 583 x950y
125
150
250 25.0
25.0
3500
800
4.6 1.3 ± 0.3
4
VDRH10S095xyE 584 x950y
250 50.0
53.0
6000
1500
4.6 1.3 ± 0.3
2
VDRH14V095xyE 585 x950y
250 100.0
106.0
10 000
3000
5.0 1.5 ± 0.3
2
VDRH20X095ByE 586 x950y
115
320
5.0
8.0
800
150
3.6 0.9 ± 0.3
4
VDRH05E115xyE 582 x111y
300 10.0
16.0
1750
390
3.6 0.9 ± 0.3
4
VDRH07K115xyE 583 x111y
150
180
300 25.0
32.0
3500
680
4.0 1.1 ± 0.3
3
VDRH10S115xyE 584 x111y
300 50.0
65.0
6000
1320
4.0 1.1 ± 0.3
2
VDRH14V115xyE 585 x111y
300 100.0
130.0
10 000
2640
4.4 1.3 ± 0.3
2
VDRH20X115ByE 586 x111y
130
355
5.0
8.5
800
130
3.8 1.0 ± 0.3
4
VDRH05E130xyE 582 x131y
340 10.0
17.5
1750
320
3.8 1.0 ± 0.3
4
VDRH07K130xyE 583 x131y
170
205
340 25.0
35.0
3500
580
4.3 1.2 ± 0.3
3
VDRH10S130xyE 584 x131y
340 50.0
70.0
6000
1050
4.3 1.2 ± 0.3
2
VDRH14V130xyE 585 x131y
340 100.0
140.0
10 000
2100
4.8 1.4 ± 0.3
2
VDRH20X130ByE 586 x131y
140
380
5.0
9.0
800
120
3.9 1.0 ± 0.3
4
VDRH05E140xyE 582 x141y
360 10.0
19.0
1750
290
3.9 1.0 ± 0.3
4
VDRH07K140xyE 583 x141y
180
220
360 25.0
39.0
3500
540
4.3 1.2 ± 0.3
3
VDRH10S140xyE 584 x141y
360 50.0
78.0
6000
950
4.3 1.2 ± 0.3
2
VDRH14V140xyE 585 x141y
360 100.0
155.0
10 000
1900
4.8 1.5 ± 0.3
2
VDRH20X140ByE 586 x141y
150
415
5.0
10.5
800
110
4.1 1.1 ± 0.3
4
VDRH05E150xyE 582 x151y
395 10.0
21.0
1750
270
4.1 1.1 ± 0.3
4
VDRH07K150xyE 583 x151y
200
240
395 25.0
42.0
3500
490
4.3 1.3 ± 0.3
3
VDRH10S150xyE 584 x151y
395 50.0
84.0
6000
850
4.3 1.3 ± 0.3
2
VDRH14V150xyE 585 x151y
395 100.0
168.0
10 000
1700
4.8 1.5 ± 0.3
2
VDRH20X150ByE 586 x151y
175
475
5.0
11.0
800
90
4.1 1.3 ± 0.3
4
VDRH05E175xyE 582 x171y
455 10.0
24.0
1750
230
4.1 1.3 ± 0.3
4
VDRH07K175xyE 583 x171y
225
275
455 25.0
49.0
3500
430
4.5 1.5 ± 0.3
3
VDRH10S175xyE 584 x171y
455 50.0
99.0
6000
750
4.5 1.5 ± 0.3
2
VDRH14V175xyE 585 x171y
455 100.0
190.0
10 000
1500
4.9 1.7 ± 0.3
2
VDRH20X175ByE 586 x171y
195
525
5.0
12.0
800
80
4.3 1.4 ± 0.8
4
VDRH05E195xyE 582 x191y
455 10.0
26.0
1750
210
4.3 1.4 ± 0.8
4
VDRH07K195xyE 583 x191y
250
300
455 25.0
52.0
3500
380
4.8 1.6 ± 0.8
4
VDRH10S195xyE 584 x191y
455 50.0
105.0
6000
690
4.8 1.6 ± 0.8
2
VDRH14V195xyE 585 x191y
455 100.0
210.0
10 000
1350
5.1 1.9 ± 0.8
2
VDRH20X195ByE 586 x191y
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (8)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (7)
12NC (6)
2381-


Similar Part No. - VDRH10S550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S550xyE VISHAY-VDRH10S550xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10S550XYE VISHAY-VDRH10S550XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com