Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF1J Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GF1J
Description  Surface Mount Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1J Datasheet(HTML) 3 Page - Vishay Siliconix

  GF1J Datasheet HTML 1Page - Vishay Siliconix GF1J Datasheet HTML 2Page - Vishay Siliconix GF1J Datasheet HTML 3Page - Vishay Siliconix GF1J Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GF1A, GF1B, GF1D, GF1G, GF1J, GF1K, GF1M
www.vishay.com
Vishay Semiconductors
Revision: 14-Aug-13
3
Document Number: 88617
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
10
1
0.1
0.01
0.4
0.6
1.4
1.6
0.8
1.0
1.2
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 25 °C
Instantaneous Forward Voltage (V)
0.1
1
10
0.01
20
0
100
40
60
80
T
J = 25 °C
T
J = 100 °C
Percent of Rated Peak Reverse Voltage (%)
1
100
10
30
1
10
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
100
10
100
0.1
0.1
1
10
1
Mounted on
0.2" x 0.27" (5.0 mm x 7.0 mm)
Copper Pad Areas
t - Pulse Duration (s)
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
DO-214BA (GF1)
0.076 (1.93)
MAX.
0.220 (5.58)
REF.
0.060 (1.52)
MIN.
Mounting Pad Layout
Cathode Band
0.066 (1.68)
MIN.


Similar Part No. - GF1J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1J GE-GF1J Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
GF1J ZSELEC-GF1J Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GF1J VISHAY-GF1J Datasheet
42Kb / 2P
   Surface Mount Glass Passivated Rectifier
Revision: 15-Mar-11
GF1J VISHAY-GF1J Datasheet
88Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
GF1J FAIRCHILD-GF1J Datasheet
49Kb / 3P
   General Purpose Rectifiers (Glass Passivated)
More results

Similar Description - GF1J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com