Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSP58P38 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSSP58P38
Description  IR Detector for Mid Range Proximity Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP58P38 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSSP58P38 Datasheet HTML 1Page - Vishay Siliconix TSSP58P38 Datasheet HTML 2Page - Vishay Siliconix TSSP58P38 Datasheet HTML 3Page - Vishay Siliconix TSSP58P38 Datasheet HTML 4Page - Vishay Siliconix TSSP58P38 Datasheet HTML 5Page - Vishay Siliconix TSSP58P38 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSSP58P38
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 31-Jan-13
2
Document Number: 82476
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating condtions for extended periods may affect the device reliability.
TYPICAL CHARACTERSTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
- 0.3 to + 6
V
Supply current (pin 3)
IS
5mA
Output voltage (pin 1)
VO
- 0.3 to 5.5
V
Voltage at output to supply
VS - VO
- 0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Power consumption
Tamb  85 °C
Ptot
10
mW
Soldering temperature
t
 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERSTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 3)
Ee = 0, VS = 5 V
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
0.8
mA
Supply voltage
VS
2.5
5.5
V
Receiving distance
Direct line of sight,
test signal see fig. 1,
IR diode TSAL6200, IF = 250 mA
d40
m
Output voltage low (pin 1)
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.2
0.4
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
50
W/m2
Directivity
Angle of half receiving distance
1/2
± 45
deg
E e
T
t
* tpi
10/f0 is recommended for optimal function
VO
VOH
VOL
t
16110_4
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, t = 10 ms)
Output Signal
td 1)
tpo 2)
1) 7/f
0 < td < 15/f0
2)
tpi - 5/f0 < tpo < tpi + 6/f0
t pi *
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
10
2
10
3
10
4
Ee - Irradiance (mW/m
2)
Input Burst Length
Output Pulse Width
λ = 950 nm,
Optical Test Signal, Fig.1
0
0.1


Similar Part No. - TSSP58P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP58P38 VISHAY-TSSP58P38 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP58P38 VISHAY-TSSP58P38 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP58P38 VISHAY-TSSP58P38_V01 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
More results

Similar Description - TSSP58P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP77P38 VISHAY-TSSP77P38_18 Datasheet
715Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 2.1, 09-Oct-2018
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP77P38 VISHAY-TSSP77P38_V02 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP58P38 VISHAY-TSSP58P38_V01 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP77P38 VISHAY-TSSP77P38_V01 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP77P38 VISHAY-TSSP77P38 Datasheet
586Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.6, 14-Apr-16
TSSP57P38 VISHAY-TSSP57P38_V01 Datasheet
307Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP57P38 VISHAY-TSSP57P38_V02 Datasheet
308Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP57P38 VISHAY-TSSP57P38 Datasheet
558Kb / 24P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.7, 14-Apr-16
TSSP6P38 VISHAY-TSSP6P38 Datasheet
627Kb / 26P
   IR Mid Range Proximity Sensor
Rev. 1.8, 14-Apr-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com