Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3C6860040275 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TR3C6860040275
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3C6860040275 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TR3C6860040275 Datasheet HTML 4Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 5Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 6Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 7Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 8Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 9Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 10Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 11Page - Vishay Siliconix TR3C6860040275 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 19-Jul-13
8
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT + 85 °C; 7 VDC AT 125 °C
2.2
A
TR3A225(1)010(2)6800
0.5
6
6.800
0.11
2.2
A
TR3A225(1)010(2)6000
0.5
6
6.000
0.11
2.2
A
TR3A225(1)010(2)1800
0.5
6
1.800
0.20
4.7
A
TR3A475(1)010(2)3000
0.5
6
3.000
0.16
4.7
A
TR3A475(1)010(2)1500
0.5
6
1.500
0.22
4.7
A
TR3A475(1)010(2)1400
0.5
6
1.400
0.23
4.7
A
TR3A475(1)010(2)1000
0.5
6
1.000
0.27
4.7
B
TR3B475(1)010(2)1400
0.5
6
1.400
0.25
6.8
A
TR3A685(1)010(2)1800
0.7
6
1.800
0.20
6.8
A
TR3A685(1)010(2)3000
0.7
6
3.000
0.16
6.8
B
TR3B685(1)010(2)1300
0.7
6
1.300
0.26
10
A
TR3A106(1)010(2)2000
1.0
6
2.000
0.19
10
A
TR3A106(1)010(2)1800
1.0
6
1.800
0.20
10
A
TR3A106(1)010(2)1000
1.0
6
1.000
0.27
10
A
TR3A106(1)010(2)0900
1.0
6
0.900
0.29
10
B
TR3B106(1)010(2)1000
1.0
6
1.000
0.29
10
B
TR3B106(1)010(2)0800
1.0
6
0.800
0.33
10
B
TR3B106(1)010(2)0750
1.0
6
0.750
0.34
15
A
TR3A156(1)010(2)2000
1.5
6
2.000
0.19
15
A
TR3A156(1)010(2)1000
1.5
6
1.000
0.27
15
B
TR3B156(1)010(2)0600
1.5
6
0.600
0.38
15
B
TR3B156(1)010(2)0450
1.5
6
0.450
0.43
15
B
TR3B156(1)010(2)0700
1.5
6
0.700
0.35
15
C
TR3C156(1)010(2)0700
1.5
6
0.700
0.40
22
A
TR3A226(1)010(2)1500
2.2
8
1.500
0.22
22
A
TR3A226(1)010(2)1000
2.2
8
1.000
0.27
22
A
TR3A226(1)010(2)0900
2.2
8
0.900
0.29
22
A
TR3A226(1)010(2)0800
2.2
8
0.800
0.31
22
B
TR3B226(1)010(2)1000
2.2
6
1.000
0.29
22
B
TR3B226(1)010(2)0700
2.2
6
0.700
0.35
22
B
TR3B226(1)010(2)0500
2.2
6
0.500
0.41
22
B
TR3B226(1)010(2)0400
2.2
6
0.400
0.46
22
C
TR3C226(1)010(2)0400
2.2
6
0.400
0.52
22
C
TR3C226(1)010(2)0345
2.2
6
0.345
0.56
22
C
TR3C226(1)010(2)0300
2.2
6
0.300
0.61
33
B
TR3B336(1)010(2)0425
3.3
6
0.425
0.45
33
B
TR3B336(1)010(2)1400
3.3
6
1.400
0.25
33
B
TR3B336(1)010(2)0650
3.3
6
0.650
0.36
33
B
TR3B336(1)010(2)0600
3.3
6
0.600
0.38
33
B
TR3B336(1)010(2)0500
3.3
6
0.500
0.41
33
B
TR3B336(1)010(2)0300
3.3
6
0.300
0.53
33
C
TR3C336(1)010(2)0375
3.3
6
0.375
0.54
33
C
TR3C336(1)010(2)0300
3.3
6
0.300
0.61
47
B
TR3B476(1)010(2)0600
4.7
6
0.600
0.38
47
B
TR3B476(1)010(2)0500
4.7
6
0.500
0.41
47
B
TR3B476(1)010(2)0350
4.7
6
0.350
0.49
47
B
TR3B476(1)010(2)0650
4.7
6
0.650
0.36
47
C
TR3C476(1)010(2)0200
4.7
6
0.200
0.74
47
C
TR3C476(1)010(2)0350
4.7
6
0.350
0.56
47
C
TR3C476(1)010(2)0300
4.7
6
0.300
0.61
47
D
TR3D476(1)010(2)0220
4.7
6
0.220
0.83
47
D
TR3D476(1)010(2)0200
4.7
6
0.200
0.87
47
D
TR3D476(1)010(2)0140
4.7
6
0.140
1.04
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D


Similar Part No. - TR3C6860040275

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3C686 VISHAY-TR3C686 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3C686100420275 VISHAY-TR3C686100420275 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3C686K004C0275 VISHAY-TR3C686K004C0275 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C686K010C0200 VISHAY-TR3C686K010C0200 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C686K010C0225 VISHAY-TR3C686K010C0225 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3C6860040275

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com