Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDT014L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDT014L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT014L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDT014L Datasheet HTML 1Page - Fairchild Semiconductor NDT014L Datasheet HTML 2Page - Fairchild Semiconductor NDT014L Datasheet HTML 3Page - Fairchild Semiconductor NDT014L Datasheet HTML 4Page - Fairchild Semiconductor NDT014L Datasheet HTML 5Page - Fairchild Semiconductor NDT014L Datasheet HTML 6Page - Fairchild Semiconductor NDT014L Datasheet HTML 7Page - Fairchild Semiconductor NDT014L Datasheet HTML 8Page - Fairchild Semiconductor NDT014L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 1996
NDT014L
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
_________________________________________________________________________________
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
NDT014L
Units
V
DSS
Drain-Source Voltage
60
V
V
GSS
Gate-Source Voltage
± 20
V
I
D
Drain Current
- Continuous
(Note 1a)
± 2.8
A
- Pulsed
± 10
P
D
Maximum Power Dissipation
(Note 1a)
3
W
(Note 1b)
1.3
(Note 1c)
1.1
T
J,TSTG
Operating and Storage Temperature Range
-65 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
42
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
12
°C/W
NDT014L Rev.D
2.8 A, 60 V. R
DS(ON) = 0.2
@ V
GS =
4.5 V
R
DS(ON) = 0.16 @
V
GS = 10 V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely used
surface mount package.
These N-Channel logic level enhancement mode power field
effect transistors are produced using Fairchild's proprietary,
high cell density, DMOS technology.This very high density
process is especially tailored to minimize on-state resistance,
provide superior switching performance, and withstand high
energy
pulses
in
the
avalanche
and
commutation
modes.Thesedevices are particularly suited for low voltage
applications such as DC motor control and DC/DC
conversion where fast switching, low in-line power loss, and
resistance to transients are needed.
D
D
S
G
D
S
G
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDT014L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDT014L ONSEMI-NDT014L Datasheet
411Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev. 4
More results

Similar Description - NDT014L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com