Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4477DY-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4477DY-T1-GE3
Description  P-Channel 20-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4477DY-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4477DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4477DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 64829
S09-0858-Rev. A, 18-May-09
Vishay Siliconix
Si4477DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = - 50 °C
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
- 0.35
- 0.20
- 0.05
0.10
0.25
0.40
0.55
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =1mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
01
2
3
45
ID =18 A
TJ = 25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
20
40
60
80
100
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 µs
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
10 s
100 s, DC
1s
10 µs
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI4477DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
193Kb / 9P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4477DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com