Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS9958 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NDS9958
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9958 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NDS9958 Datasheet HTML 4Page - Fairchild Semiconductor NDS9958 Datasheet HTML 5Page - Fairchild Semiconductor NDS9958 Datasheet HTML 6Page - Fairchild Semiconductor NDS9958 Datasheet HTML 7Page - Fairchild Semiconductor NDS9958 Datasheet HTML 8Page - Fairchild Semiconductor NDS9958 Datasheet HTML 9Page - Fairchild Semiconductor NDS9958 Datasheet HTML 10Page - Fairchild Semiconductor NDS9958 Datasheet HTML 11Page - Fairchild Semiconductor NDS9958 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 1998 Fairchild Semiconductor Corporation
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOIC(8lds)
(12mm)
6.50
+/-0.10
5.30
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.60
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
2.1
+/-0.10
0.450
+/-
0.150
9.2
+/-0.3
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOIC(8lds) Embossed Carrier Tape
Configuration: Figure 3.0
SOIC(8lds) Reel Configuration: Figure 4.0
SO-8 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B


Similar Part No. - NDS9958

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS9952-NL VBSEMI-NDS9952-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9952A FAIRCHILD-NDS9952A Datasheet
366Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDS9952A-NL VBSEMI-NDS9952A-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9953A FAIRCHILD-NDS9953A Datasheet
342Kb / 10P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDS9953A-NL VBSEMI-NDS9953A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDS9958

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
FDS8928A FAIRCHILD-FDS8928A Datasheet
285Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com