Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1520PBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR1520PBF
Description  Ultrafast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1520PBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR1520PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1520PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUR1520PbF
2
VBR, Vr
Breakdown Voltage,
200
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
-
1.05
V
IF = 15A
-
-
0.85
V
IF = 15A, TJ = 150°C
IR
Reverse Leakage Current
-
-
10
µA
VR = VR Rated
-
-
500
µA
TJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
55
-
pF
VR = 200V
LS
Series Inductance
-
8.0
-
nH
.
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
- 65
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
-
-
1.5
°C/ W
RthJA
Thermal Resistance, Junction to Ambient
-
-
50
RthCS
Thermal Resistance, Case to Heatsink
-
0.5
-
Wt
Weight
-
2.0
-
g
-
0.07
-
(oz)
Mounting Torque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Marking Device
MUR1520
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Thermal - Mechanical Characteristics
trr
ReverseRecoveryTime
-
-
35
ns
IF = 1.0A, diF/dt = 50A/µs, VR = 30V
-22
-
TJ = 25°C
-39
-
TJ = 125°C
IRRM
Peak Recovery Current
-
1.6
-
A
TJ = 25°C
-
4.1
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
19
-
nC
TJ = 25°C
-90
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 15A
VR = 160V
diF /dt = 200A/µs
Mounting Surface, Flat, Smooth and Greased
Parameters
Min Typ Max Units Test Conditions
Parameters
Min Typ Max Units Test Conditions
Measured lead to lead 5mm from package body
http://www.kersemi.com


Similar Part No. - MUR1520PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR1520PBF IRF-MUR1520PBF Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
151Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
logo
International Rectifier
MUR1520PBF IRF-MUR1520PBF_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
MUR1520PBF VISHAY-MUR1520PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - MUR1520PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com