Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR4105PBF Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR4105PBF
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR4105PBF Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR4105PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR4105PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFR/U4105PbF
www.kersemi.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
ction
0.1
1
10
100
1000
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 25°C
C
A
4.5V
0.1
1
10
100
1000
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
A
4.5V
20µs PULSE WIDTH
T = 175°C
C
1
10
100
45
67
8
9
10
T = 25°C
J
GS
V
, Gate-to-Source Voltage (V)
A
V
= 25V
20µs PULSE WIDTH
T = 175°C
J
DS
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-60 -40 -20
0
20
40
60
80
100 120 140 160 180
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I
= 26A
D


Similar Part No. - IRFR4105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105PBF IRF-IRFR4105PBF Datasheet
240Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFR4105PBF IRF-IRFR4105PBF Datasheet
244Kb / 11P
   Ultra Low On-Resistance
IRFR4105PBF IRF-IRFR4105PBF Datasheet
244Kb / 11P
   Ultra Low On-Resistance
IRFR4105PBF IRF-IRFR4105PBF Datasheet
244Kb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFR4105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com