Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3706 Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3706
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3706 Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU3706 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU3706 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR/U3706
10
www.kersemi.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting T
J = 25°C, L = 0.54mH
RG = 25Ω, IAS = 28A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
TR
16.3 ( .641 )
15.7 ( .619 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12.1 ( .476 )
11.9 ( .469 )
F E E D DIRE CT IO N
F E E D DIR E CT IO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
NO T ES :
1 . CO NT RO L L ING DIM EN S IO N : M IL L IM ET E R.
2. ALL D IM EN SIO N S AR E SH O W N IN M ILLIM ET E R S ( IN C H E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1 .
NO T ES :
1. OU T L IN E C O N F O R M S T O E IA-481.
16 m m
13 IN C H
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)


Similar Part No. - IRFU3706

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3706 IRF-IRFU3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFU3706 IRF-IRFU3706 Datasheet
226Kb / 11P
   High Frequency Isolated DC-DC
IRFU3706CPBF IRF-IRFU3706CPBF Datasheet
254Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFU3706CPBF KERSEMI-IRFU3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFU3706CPBF KERSEMI-IRFU3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFU3706

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com