Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS9956A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NDS9956A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9956A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NDS9956A Datasheet HTML 1Page - Fairchild Semiconductor NDS9956A Datasheet HTML 2Page - Fairchild Semiconductor NDS9956A Datasheet HTML 3Page - Fairchild Semiconductor NDS9956A Datasheet HTML 4Page - Fairchild Semiconductor NDS9956A Datasheet HTML 5Page - Fairchild Semiconductor NDS9956A Datasheet HTML 6Page - Fairchild Semiconductor NDS9956A Datasheet HTML 7Page - Fairchild Semiconductor NDS9956A Datasheet HTML 8Page - Fairchild Semiconductor NDS9956A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
1.2
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.25 A (Note 2)
0.8
1.3
V
t
rr
Reverse Recovery Time
V
GS = 0 V, IF = 1.25 A, dIF/dt = 100 A/µs
100
ns
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
PD
(t) = TJTA
R
θJ A(t) =
TJTA
J C+CA(t)
= I
D
2
(t) × R
DS
(ON ) TJ
Typical R
θJA for single device operation using the board layouts shown below on 4.5"x5" FR-4 PCB in a still air environment:
a. 78oC/W when mounted on a 0.5 in2 pad of 2oz cpper.
b. 125oC/W when mounted on a 0.02 in2 pad of 2oz cpper.
c. 135oC/W when mounted on a 0.003 in2 pad of 2oz cpper.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
NDS9956A.SAM
1a
1b
1c


Similar Part No. - NDS9956A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS9956A-NL VBSEMI-NDS9956A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDS9956A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com