Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFR110TR-E3 Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # SIHFR110TR-E3
Description  Dynamic dV/dt Rating Repetitive Avalanche Rated
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHFR110TR-E3 Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  SIHFR110TR-E3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHFR110TR-E3 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.kersemi.com
6
IRFR110, IRFU110, SiHFR110, SiHFU110
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


Similar Part No. - SIHFR110TR-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFR110TR-E3 VISHAY-SIHFR110TR-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-81394-Rev. A, 21-Jul-08
More results

Similar Description - SIHFR110TR-E3

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com