Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS9948 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NDS9948
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9948 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NDS9948 Datasheet HTML 1Page - Fairchild Semiconductor NDS9948 Datasheet HTML 2Page - Fairchild Semiconductor NDS9948 Datasheet HTML 3Page - Fairchild Semiconductor NDS9948 Datasheet HTML 4Page - Fairchild Semiconductor NDS9948 Datasheet HTML 5Page - Fairchild Semiconductor NDS9948 Datasheet HTML 6Page - Fairchild Semiconductor NDS9948 Datasheet HTML 7Page - Fairchild Semiconductor NDS9948 Datasheet HTML 8Page - Fairchild Semiconductor NDS9948 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-1.7
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -2.3 A (Note 2)
-0.98
-1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while R
θCA is determined by the user's board design.
PD
(t) = TJ TA
R
θJ A(t) =
TJ TA
R
θJ C+CA(t)
= I
D
2
(t) × R
DS
(ON ) TJ
Typical RθJA for single device operation using the board layouts shown below on 4.5"x5" FR-4 PCB in a still air environment:
a. 78
oC/W when mounted on a 0.5 in2 pad of 2oz cpperr.
b. 125
oC/W when mounted on a 0.02 in2 pad of 2oz cpper.
c. 135
oC/W when mounted on a 0.003 in2 pad of 2oz cpper.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
NDS9948.SAM
1a
1b
1c


Similar Part No. - NDS9948

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
   Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
NDS9948-NL VBSEMI-NDS9948-NL Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Fairchild Semiconductor
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
   Dual 60V P-Channel PowerTrench??MOSFET
More results

Similar Description - NDS9948

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com