Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR13N15DPBF Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFR13N15DPBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR13N15DPBF Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR13N15DPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR13N15DPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.kersemi.com
IRFR/U13N15DPbF
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ I
SD ≤ 8.3A, di/dt ≤ 280A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 3.8mH
RG = 25Ω, IAS = 8.3A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
* When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Similar Part No. - IRFR13N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR13N15DPBF IRF-IRFR13N15DPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
IRFR13N15DPBF IRF-IRFR13N15DPBF Datasheet
228Kb / 11P
   High frequency DC-DC converters
IRFR13N15DPBF IRF-IRFR13N15DPBF Datasheet
228Kb / 11P
   High frequency DC-DC converters
IRFR13N15DPBF IRF-IRFR13N15DPBF_15 Datasheet
228Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR13N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com