Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS9933A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NDS9933A
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9933A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NDS9933A Datasheet HTML 1Page - Fairchild Semiconductor NDS9933A Datasheet HTML 2Page - Fairchild Semiconductor NDS9933A Datasheet HTML 3Page - Fairchild Semiconductor NDS9933A Datasheet HTML 4Page - Fairchild Semiconductor NDS9933A Datasheet HTML 5Page - Fairchild Semiconductor NDS9933A Datasheet HTML 6Page - Fairchild Semiconductor NDS9933A Datasheet HTML 7Page - Fairchild Semiconductor NDS9933A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NDS9933A Rev. A
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
µA
-20
V
BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250
µA, Referenced to 25°C
-25
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 8 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -8 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250
µA
-0.4
-0.65
-1
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = -250
µA, Referenced to 25°C
4
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = -4.5 V, ID = -2.8 A
VGS = -4.5 V, ID = -2.8A,TJ=125
°C
VGS = -2.7 V, ID = -1.5 A
VGS = -2.5 V, ID = -1.5 A
0.10
5
0.15
0
0.13
5
0.14
0
0.140
0.240
0.190
0.200
ID(on)
On-State Drain Current
VGS = -4.5 V, VDS = -5 V
-10
A
gFS
Forward Transconductance
VDS = -5 V, ID = -2.8 A
6.5
S
Dynamic Characteristics
Ciss
Input Capacitance
405
pF
Coss
Output Capacitance
170
pF
Crss
Reverse Transfer Capacitance
VDS = -10 V, VGS = 0 V,
f = 1.0 MHz
45
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
6.5
13
ns
tr
Turn-On Rise Time
20
35
ns
td(off)
Turn-Off Delay Time
31
50
ns
tf
Turn-Off Fall Time
VDD = -5 V, ID = -1 A,
VGS = -4.5 V, RGEN = 6
21
35
ns
Qg
Total Gate Charge
6
8.5
nC
Qgs
Gate-Source Charge
0.8
nC
Qgd
Gate-Drain Charge
VDS = -5 V, ID = -2.8 A,
VGS = -4.5 V,
1.3
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.3
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -1.3 A (Note 2)
-0.78
-1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
c. 135
OC/W on a 0.003 in2
pad of 2oz copper.
b. 125
OC/W on a 0.02 in2
pad of 2oz copper.
a. 78
OC/W on a 0.5 in2
pad of 2oz copper.


Similar Part No. - NDS9933A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS9933A-NL VBSEMI-NDS9933A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NDS9933A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com