Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF4905S Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF4905S
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF4905S Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF4905S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF4905S/L
‚ Starting TJ = 25°C, L = 1.3mH
RG = 25Ω, IAS = -38A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
ƒ ISD ≤ -38A, di/dt ≤ -270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF4905 data and test conditions
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.05 –––
V/°C
Reference to 25°C, ID = -1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.02
VGS = -10V, ID = -38A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
21
–––
–––
S
VDS = -25V, ID = -38A
…
–––
–––
-25
µA
VDS = -55V, VGS = 0V
–––
–––
-250
VDS = -44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
180
ID = -38A
Qgs
Gate-to-Source Charge
–––
–––
32
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
86
VGS = -10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -28V
tr
Rise Time
–––
99
–––
ID = -38A
td(off)
Turn-Off Delay Time
–––
61
–––
RG = 2.5
tf
Fall Time
–––
96
–––
RD = 0.72Ω, See Fig. 10
„
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
3400 –––
VGS = 0V
Coss
Output Capacitance
–––
1400 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
640
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -38A, VGS = 0V
„
trr
Reverse Recovery Time
–––
89
130
ns
TJ = 25°C, IF = -38A
Qrr
Reverse Recovery Charge
–––
230
350
nC
di/dt = -100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
A
S
D
G
-74
-260


Similar Part No. - IRF4905S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF4905S IRF-IRF4905S Datasheet
174Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF4905S ISC-IRF4905S Datasheet
444Kb / 4P
   isc P-Channel MOSFET Transistor
2023-9-5
logo
International Rectifier
IRF4905SPBF IRF-IRF4905SPBF Datasheet
357Kb / 11P
   HEXFET Power MOSFET
IRF4905SPBF IRF-IRF4905SPBF_15 Datasheet
366Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF4905S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com