Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9120PBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU9120PBF
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU9120PBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU9120PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU9120PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.kersemi.com
2
IRFR9120, IRFU9120, SiHFR9120, SiHFU9120
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 10 mH, RG = 25 Ω, IAS = - 5.6 A (see fig. 12).
c. ISD ≤ - 6.8 A, dI/dt ≤ 110 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
--
50
Maximum Junction-to-Case (Drain)
RthJC
--
3.0
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 100
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = - 1 mA
-
- 0.098
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 2.0
-
- 4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 100 V, VGS = 0 V
-
-
- 100
µA
VDS = - 80 V, VGS = 0 V, TJ = 125 °C
-
-
- 500
Drain-Source On-State Resistance
RDS(on)
VGS = - 10 V
ID = - 3.4 Ab
-
-
0.60
Ω
Forward Transconductance
gfs
VDS = - 50 V, ID = - 3.4 A
1.5
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = - 25 V,
f = 1.0 MHz, see fig. 5
-
390
-
pF
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-45
-
Total Gate Charge
Qg
VGS = - 10 V
ID = - 6.8 A, VDS = - 80 V,
see fig. 6 and 13b
--
18
nC
Gate-Source Charge
Qgs
--
3.0
Gate-Drain Charge
Qgd
--
9.0
Turn-On Delay Time
td(on)
VDD = - 50 V, ID = - 6.8 A,
RG = 18 Ω, RD = 7.1 Ω, see fig. 10b
-9.6
-
ns
Rise Time
tr
-29
-
Turn-Off Delay Time
td(off)
-21
-
Fall Time
tf
-25
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
D
S
G


Similar Part No. - IRFU9120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9120PBF IRF-IRFU9120PBF Datasheet
1Mb / 10P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFU9120PBF VISHAY-IRFU9120PBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jun-08
logo
Kersemi Electronic Co.,...
IRFU9120PBF KERSEMI-IRFU9120PBF Datasheet
3Mb / 7P
   Power MOSFET
IRFU9120PBF KERSEMI-IRFU9120PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
Vishay Siliconix
IRFU9120PBF VISHAY-IRFU9120PBF Datasheet
1Mb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU9120PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com