Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR9110PBF Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9110PBF
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9110PBF Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR9110PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9110PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.kersemi.com
1
Power MOSFET
IRFR9110, IRFU9110, SiHFR9110, SiHFU9110
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRFR9110/SiHFR9110)
• Straight Lead (IRFU9110/SiHFU9110)
• Available in Tape and Reel
• P-Channel
• Fast Switching
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effictiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU/SiHFU Series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surcace mount applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 21 mH, RG = 25 Ω, IAS = - 3.1 A (see fig. 12).
c. ISD ≤ - 4.0 A, dI/dt ≤ 75 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
- 100
RDS(on) (Ω)VGS = - 10 V
1.2
Qg (Max.) (nC)
8.7
Qgs (nC)
2.2
Qgd (nC)
4.1
Configuration
Single
S
G
D
P-Channel MOSFET
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR9110PbF
IRFR9110TRLPbFa
IRFR9110TRPbFa
IRFU9110PbF
SiHFR9110-E3
SiHFR9110TL-E3a
SiHFR9110T-E3a
SiHFU9110-E3
SnPb
IRFR9110
IRFR9110TRLa
IRFR9110TRa
IRFU9110
SiHFR9110
SiHFR9110TLa
SiHFR9110Ta
SiHFU9110
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 3.1
A
TC = 100 °C
- 2.0
Pulsed Drain Currenta
IDM
- 12
Linear Derating Factor
0.20
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
140
mJ
Repetitive Avalanche Currenta
IAR
- 3.1
A
Repetitive Avalanche Energya
EAR
2.5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
25
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
- 5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d


Similar Part No. - IRFR9110PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9110PBF IRF-IRFR9110PBF Datasheet
1Mb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFR9110PBF VISHAY-IRFR9110PBF Datasheet
1Mb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9110PBF KERSEMI-IRFR9110PBF Datasheet
3Mb / 7P
   Power MOSFET
IRFR9110PBF KERSEMI-IRFR9110PBF Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
logo
Vishay Siliconix
IRFR9110PBF VISHAY-IRFR9110PBF Datasheet
845Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR9110PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com