Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1038-824KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS1038-824KL
Description  Shielded Power Inductors ??MSS1038
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1038-824KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS1038-824KL Datasheet HTML 1Page - Coilcraft lnc. MSS1038-824KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–MSS1038
Document 378-1
Document 378-1 Revised 08/01/11
Designer’s Kit C391 contains 3 each of all values.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight: 1.5 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″ reel; 1000/13″ reel; Plastic tape: 24 mm wide,
0.35 mm thick, 16 mm pocket spacing, 4.3 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
• 10.0 × 10.2 mm footprint; 3.8 mm high shielded inductors
• Very low DCR and excellent current handling
DCR SRF
Isat (A)4
Irms (A)5
Inductance2 max
typ3 10% 20% 30%
20°C 40°C
Part number1
(µH)
(m) (MHz) drop drop drop
rise
rise
MSS1038-102NL_
1.0 ±30%
6.0 138
9.00 11.16 12.10
7.30 10.00
MSS1038-152NL_
1.5 ±30%
8.1
81
7.40 9.48 11.06
5.60
7.85
MSS1038-252NL_
2.5 ±30%
10
61
5.70 7.62 9.26
4.65
6.65
MSS1038-382NL_
3.8 ±30%
13
45
4.94 6.50 7.64
4.25
6.05
MSS1038-522NL_
5.2 ±30%
22
37
3.96 5.28 6.14
3.60
5.10
MSS1038-702NL_
7.0 ±30%
27
33
3.62 4.74 5.60
3.10
4.35
MSS1038-103NL_
10 ±30%
35
29
3.04 3.90 4.52
2.90
4.05
MSS1038-123ML_ 12 ±20%
41
25
2.72 3.48 4.04
2.85
4.00
MSS1038-153ML_ 15 ±20%
50
21
2.84 3.44 3.86
2.70
3.80
MSS1038-183ML_ 18 ±20%
65
18
2.44 3.10 3.52
2.25
3.35
MSS1038-223ML_ 22 ±20%
73
15
2.34 2.94 3.30
1.90
2.85
MSS1038-273ML_ 27 ±20%
89
15
1.98 2.48 2.84
1.65
2.35
MSS1038-333ML_ 33 ±20%
93
13
1.84 2.34 2.62
1.60
2.30
MSS1038-393ML_ 39 ±20%
112
12
1.60 2.04 2.34
1.55
2.25
MSS1038-473ML_ 47 ±20%
128
11
1.60 1.98 2.22
1.45
2.20
MSS1038-563ML_ 56 ±20%
180
11
1.48 1.84 2.04
1.40
1.85
MSS1038-683ML_ 68 ±20%
213
10
1.32 1.62 1.82
1.15
1.75
MSS1038-823ML_ 82 ±20%
261
8
1.12 1.42 1.60
1.09
1.50
MSS1038-104ML_ 100 ±20%
304
6
1.02 1.30 1.46
1.05
1.45
MSS1038-124KL_ 120 ±10%
380
6
0.95 1.18 1.34
0.85
1.25
MSS1038-154KL_ 150 ±10%
506
6
0.89 1.10 1.22
0.80
1.20
MSS1038-184KL_ 180 ±10%
582
5
0.89 1.02 1.16
0.71
0.98
MSS1038-224KL_ 220 ±10%
756
5
0.72 0.88 0.99
0.70
0.97
MSS1038-274KL_ 270 ±10%
926
4
0.66 0.81 0.91
0.65
0.86
MSS1038-334KL_ 330 ±10% 1090
4
0.59 0.73 0.82
0.50
0.69
MSS1038-394KL_ 390 ±10% 1141
4
0.51 0.65 0.74
0.49
0.65
MSS1038-474KL_ 470 ±10% 1243
3
0.50 0.62 0.70
0.45
0.63
MSS1038-564KL_ 560 ±10% 1696
3
0.43 0.53 0.56
0.43
0.59
MSS1038-684KL_ 680 ±10% 1926
3
0.38 0.48 0.52
0.36
0.50
MSS1038-824KL_ 820 ±10% 2596
3
0.37 0.46 0.49
0.34
0.47
MSS1038-105KL_ 1000 ±10% 2853
3
0.35 0.43 0.46
0.33
0.45
1. Please specify
termination and packaging codes:
MSS1038-105KLC
Termination: L = RoHS compliant matte tin over nickel
over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481
embossed plastic tape (250 parts
per full reel).
B = Less than full reel. In tape, but not
machine ready. To have a leader
and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (1000 parts
per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc
using an Agilent/HP 4263B LCR meter or equivalent.
3. SRF measured using an Agilent/HP 8753D or equivalent.
4. DC current at which the inductance drops the speci-
fied amount from its value without current.
5. Current that causes the specified temperature rise
from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - MSS1038-824KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1038-824KL COILCRAFT-MSS1038-824KL Datasheet
209Kb / 2P
   SMT Power Inductors
MSS1038-824KL COILCRAFT-MSS1038-824KL Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-824KL COILCRAFT-MSS1038-824KL Datasheet
178Kb / 2P
   Shielded Power Inductors
MSS1038-824KLB COILCRAFT-MSS1038-824KLB Datasheet
132Kb / 2P
   Shielded Power Inductors - MSS1038
MSS1038-824KLC COILCRAFT-MSS1038-824KLC Datasheet
132Kb / 2P
   Shielded Power Inductors - MSS1038
More results

Similar Description - MSS1038-824KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1038-105KLC COILCRAFT-MSS1038-105KLC Datasheet
169Kb / 2P
   Shielded Power Inductors MSS1038
MSS1038-123MLC COILCRAFT-MSS1038-123MLC Datasheet
132Kb / 2P
   Shielded Power Inductors - MSS1038
MSS1038-563MLB COILCRAFT-MSS1038-563MLB Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-153MLB COILCRAFT-MSS1038-153MLB Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com