Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS6122-273ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSS6122-273ML
Description  Shielded Power Inductors ??MSS6122
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS6122-273ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSS6122-273ML Datasheet HTML 1Page - Coilcraft lnc. MSS6122-273ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 640-2
Document 640-2 Revised 04/16/10
Shielded Power Inductors – MSS6122
Typical L vs Current
Typical L vs Frequency
Dimensions are in
inches
mm
0.01
0.1
110
Current (A)
1
10
100
1000
100 µH
4.7 µH
22 µH
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
110
Frequency (MHz)
10
1
100
1000
100 µH
22 µH
4.7 µH
max
0.237
6,0
0.237
6,0
min
Recommended
Land Pattern
0.220
5,6
0.220
5,6
0.079
2,0
0.240
6,1
0.240
6,1
123
*
*
*
0.087
2,2
0.079
2,0
Dimensions are of the case not
including the termination. For
maximum overall dimensions
including the termination, add
0.016 in / 0,4 mm.
0.191
4,85


Similar Part No. - MSS6122-273ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS6122-273ML COILCRAFT-MSS6122-273ML Datasheet
437Kb / 2P
   SMT Power Inductors
MSS6122-273ML COILCRAFT-MSS6122-273ML Datasheet
306Kb / 2P
   Shielded Power Inductors
MSS6122-273MLB COILCRAFT-MSS6122-273MLB Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
MSS6122-273MLC COILCRAFT-MSS6122-273MLC Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
MSS6122-273MLD COILCRAFT-MSS6122-273MLD Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
More results

Similar Description - MSS6122-273ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS6122-273MLB COILCRAFT-MSS6122-273MLB Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com