Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1246-124KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS1246-124KL
Description  Shielded Power Inductors ??MSS1246
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1246-124KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS1246-124KL Datasheet HTML 1Page - Coilcraft lnc. MSS1246-124KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 471-1
Document 471-1 Revised 08/18/11
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
typ4
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
(MHz) drop drop drop rise rise
MSS1246-102ML_
1.0 ±20%
5.84
6.60 100
18.4 19.4 19.9
6.00 8.00
MSS1246-472ML_
4.7 ±20%
19.1
21.3
42
8.52 9.42 9.86 4.50 6.00
MSS1246-562ML_
5.6 ±20%
22.1
24.6
37
7.64 8.66 9.28 4.19 5.75
MSS1246-682ML_
6.8 ±20%
24.9
27.7
33
6.52 7.34 7.82 3.80 5.20
MSS1246-822ML_
8.2 ±20%
27.4
30.5
31
5.98 6.80 7.34 3.55 4.87
MSS1246-103ML_
10 ±20%
36.8
40.9
27
5.72 6.44 6.84 3.30 4.20
MSS1246-123ML_
12 ±20%
38.9
43.3
24
5.02 5.76 6.22 3.00 3.95
MSS1246-153ML_
15 ±20%
48.6
54.1
22
4.58 5.24 5.54 2.85 3.80
MSS1246-183ML_
18 ±20%
51.0
56.7
19.0
4.28 4.78 5.14 2.71 3.52
MSS1246-223ML_
22 ±20%
60.3
67.0
18.0
3.76 4.24 4.50 2.50 3.40
MSS1246-273ML_
27 ±20%
67.5
75.0
16.0
3.46 3.92 4.18 2.16 2.96
MSS1246-333ML_
33 ±20%
81.7
90.8
15.0
3.14 3.54 3.78 1.90 2.60
MSS1246-393ML_
39 ±20%
95.2 105.8
13.3
2.72 3.14 3.38 1.73 2.39
MSS1246-473ML_
47 ±20%
120.6 134.0
12.0
2.66 3.06 3.24 1.50 2.10
MSS1246-563ML_
56 ±20%
133.8 148.7
10.6
2.34 2.64 2.80 1.44 2.01
MSS1246-683ML_
68 ±20%
167.3 185.9
9.7
2.10 2.40 2.56 1.30 1.80
MSS1246-823ML_
82 ±20%
188.5 209.5
8.8
1.80 2.06 2.24 1.24 1.72
MSS1246-104ML_ 100 ±20%
216.8 240.9
8.0
1.64 1.86 2.04 1.20 1.60
MSS1246-124KL_ 120 ±10%
287.2 319.2
7.2
1.62 1.82 1.92 1.03 1.42
MSS1246-154KL_ 150 ±10%
326.7 363.0
6.6
1.36 1.58 1.70 0.95 1.30
MSS1246-184KL_ 180 ±10%
379.5 421.7
5.9
1.34 1.48 1.60 0.89 1.21
MSS1246-224KL_ 220 ±10%
488.2 542.5
5.3
1.18 1.30 1.40 0.76 1.00
MSS1246-274KL_ 270 ±10%
560.1 622.4
4.7
1.04 1.18 1.24 0.72 0.95
MSS1246-334KL_ 330 ±10%
731.4 812.7
4.1
1.00 1.10 1.20 0.65 0.87
MSS1246-394KL_ 390 ±10%
813.7 904.2
3.8
0.91 1.00 1.08 0.59 0.79
MSS1246-474KL_ 470 ±10%
935.1 1039
3.5
0.81 0.92 0.98 0.56 0.76
MSS1246-564KL_ 560 ±10% 1193
1326
3.0
0.76 0.85 0.90 0.50 0.67
MSS1246-684KL_ 680 ±10% 1370
1523
2.8
0.68 0.77 0.82 0.46 0.62
MSS1246-824KL_ 820 ±10% 1590
1767
2.6
0.61 0.70 0.75 0.43 0.58
MSS1246-105KL_ 1000 ±10% 2090
2323
2.4
0.56 0.63 0.68 0.36 0.50
Shielded Power Inductors – MSS1246
Designer’s Kit C410 contains 3 each of all values.
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight: 2.3 g – 2.5 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 200/7
″ reel; 800/13″ reel; Plastic tape: 24 mm wide,
0.35 mm thick, 16 mm pocket spacing, 4.7 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
MSS1246-105KLC
Termination:L =RoHS compliant matte tin over
nickel over phos bronze.
Special order:
T= RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS
tin-lead (63/37).
Packaging: C=7
″ machine-ready reel. EIA-481
embossed plastic tape (200 parts
per full reel).
B=Less than full reel. In tape, but
not machine ready. To have a
leader and trailer added ($25
charge), use code letter C
instead.
D=13
″ machine-ready reel. EIA-481
embossed plastic tape. Fac-
tory order only, not stocked
(800 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms,
0 Adc using a Coilcraft SMD-A fixture in an
Agilent/HP 4263B LCR meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer and a Coilcraft SMD-D test
fixture.
5. DC current at which the inductance drops 10%
(max) from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
• 12 × 12 mm footprint; 4.6 mm high shielded inductors
• Very low DCR and excellent current handling


Similar Part No. - MSS1246-124KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1246-124KL COILCRAFT-MSS1246-124KL Datasheet
205Kb / 2P
   SMT Power Inductors
More results

Similar Description - MSS1246-124KL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com