Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR140RL Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MUR140RL
Description  ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR140RL Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MUR140RL Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR140RL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR140RL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR140RL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR140RL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
MUR120/D
MUR120 Series
Power Rectifiers
MUR105, MUR110, MUR115, MUR120,
MUR130, MUR140, MUR160
The MUR120 series of SWITCHMODE power rectifiers are
designed for use in switching power supplies, inverters and as free
wheeling diodes.
Features
Ultrafast 25, 50 and 75 Nanosecond Recovery Times
175°C Operating Junction Temperature
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 V
Pb−Free Packages are Available*
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 0.4 gram (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
220
°C Max. for 10 Seconds, 1/16″ from case
Shipped in plastic bags, 1000 per bag
Available Tape and Reeled, 5000 per reel, by adding a “RL’’ suffix to
the part number
Polarity: Cathode Indicated by Polarity Band
MARKING DIAGRAM
ULTRAFAST RECTIFIERS
1.0 A, 50 V − 600 V
AXIAL LEAD
CASE 59−10
PLASTIC
AMUR
1xx
AYYW
MUR = Device Code
1xx
= Specific Device Code
A
= Assembly Location
YY
= Year
W
= Work Week
http://www.kersemi.com


Similar Part No. - MUR140RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR140RL ONSEMI-MUR140RL Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
MUR140RL ONSEMI-MUR140RL Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Kersemi Electronic Co.,...
MUR140RL KERSEMI-MUR140RL Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
logo
ON Semiconductor
MUR140RL ONSEMI-MUR140RL Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
MUR140RLG ONSEMI-MUR140RLG Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
More results

Similar Description - MUR140RL

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB50A6 NIEC-PDMB50A6_1 Datasheet
147Kb / 4P
   50 A 600 V
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
   VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
   19 A, 600 V - ultrafast IGBT
November 2016 Rev 4
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
   Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com