Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1278-393ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS1278-393ML
Description  SMT Power Inductors ??MSS1278
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1278-393ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS1278-393ML Datasheet HTML 1Page - Coilcraft lnc. MSS1278-393ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1. Please specify
termination and packaging codes:
MSS1278-105KLD
Termination:L =RoHS compliant matte tin over
nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS
tin-lead (63/37).
Packaging: D=13
″ machine-ready reel. EIA-
481 embossed plastic tape
(500 parts per full reel).
B=Less than full reel. In tape, but
not machine ready. To have a
leader and trailer added ($25
charge), use code letter D
instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc us-
ing an Agilent/HP 4263B LCR meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 4191A or
equivalent.
5. DC current at which the inductance drops the
specified amount from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
Document 322-1
Document 322-1 Revised 04/04/13
SMT Power Inductors – MSS1278
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
typ4
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
(MHz) drop drop drop rise rise
MSS1278-142ML_
1.4 ±20%
8.8
9.8
80.0
25.2 28.6 30.6
7.00 10.00
MSS1278-472ML_
4.7 ±20%
13.9
15.5
30.0
13.7 15.2 15.9
4.30 6.20
MSS1278-562ML_
5.6 ±20%
15.7
17.5
24.0
12.2 13.7 14.6
4.30 6.20
MSS1278-682ML_
6.8 ±20%
19.1
21.3
21.0
11.3 12.7 13.7
4.20 6.00
MSS1278-822ML_
8.2 ±20%
20.3
22.6
20.0
10.1 11.5 12.3
4.10 5.90
MSS1278-103ML_
10 ±20%
21.8
24.3
17.0
9.36 10.6 11.2
4.00 5.70
MSS1278-123ML_
12 ±20%
23.2
25.8
15.0
8.84 10.0 10.7
3.70 5.20
MSS1278-153ML_
15 ±20%
27.9
31.0
13.0
7.30 8.36 9.00 3.50 4.90
MSS1278-183ML_
18 ±20%
30.8
34.3
12.0
6.10 7.10 7.74 3.00 4.50
MSS1278-223ML_
22 ±20%
35.5
39.5
11.0
6.04 6.78 7.24 2.90 4.00
MSS1278-273ML_
27 ±20%
45.0
50.0
10.0
5.80 6.56 7.02 2.60 3.60
MSS1278-333ML_
33 ±20%
61.9
68.8
9.5
5.22 5.90 6.30 2.30 3.10
MSS1278-393ML_
39 ±20%
69.1
76.8
8.5
4.68 5.42 5.80 2.10 3.00
MSS1278-473ML_
47 ±20%
72.3
80.4
7.5
4.40 5.02 5.32 2.00 2.90
MSS1278-563ML_
56 ±20%
80.2
89.2
7.0
4.02 4.60 4.90 1.90 2.70
MSS1278-683ML_
68 ±20%
91.3 101.5
6.5
3.40 3.86 4.26 1.80 2.60
MSS1278-823ML_
82 ±20%
125.9 139.9
5.0
3.12 3.58 3.80 1.60 2.30
MSS1278-104ML_ 100 ±20%
135.1 150.2
4.5
2.88 3.28 3.52 1.50 2.20
MSS1278-124KL_
120 ±10%
182.3 202.6
4.3
2.62 3.00 3.24 1.40 1.90
MSS1278-154KL_
150 ±10%
216.5 240.6
4.1
2.48 2.86 3.02 1.30 1.80
MSS1278-184KL_
180 ±10%
229.0 254.5
4.0
2.26 2.58 2.74 1.20 1.70
MSS1278-224KL_
220 ±10%
323.6 359.6
3.4
1.96 2.22 2.36 1.00 1.60
MSS1278-274KL_
270 ±10%
415.6 461.8
3.1
1.74 2.04 2.18 0.90 1.20
MSS1278-334KL_
330 ±10%
487.3 541.5
2.9
1.66 1.86 2.00 0.80 1.00
MSS1278-394KL_
390 ±10%
533.6 592.9
2.7
1.52 1.72 1.88 0.75 1.00
MSS1278-474KL_
470 ±10%
707.5 786.2
2.2
1.34 1.54 1.64 0.66 0.90
MSS1278-564KL_
560 ±10%
777.4 863.8
2.0
1.24 1.42 1.50 0.60 0.80
MSS1278-684KL_
680 ±10%
1045
1162
1.7
1.16 1.28 1.38 0.55 0.75
MSS1278-824KL_
820 ±10%
1166
1296
1.4
1.04 1.16 1.26 0.50 0.70
MSS1278-105KL_ 1000 ±10% 1334
1483
1.3
0.97 1.10 1.14 0.48 0.68
Designer’s Kit C380 contains 3 each of all values.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight: 3.8 – 4.6 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500/13
″ reel; Plastic tape: 24 mm wide, 0.5 mm thick,
16 mm pocket spacing, 8.7 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
• 12.3 × 12.3 mm footprint; 8 mm high shielded inductors
• Low DCR and excellent current handling


Similar Part No. - MSS1278-393ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278-393ML COILCRAFT-MSS1278-393ML Datasheet
208Kb / 2P
   SMT Power Inductors
MSS1278-393ML COILCRAFT-MSS1278-393ML Datasheet
415Kb / 2P
   SMT Power Inductors
MSS1278-393ML COILCRAFT-MSS1278-393ML Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
MSS1278-393ML COILCRAFT-MSS1278-393ML Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
MSS1278-393MLB COILCRAFT-MSS1278-393MLB Datasheet
233Kb / 2P
   SMT Power Inductors -??MSS1278
More results

Similar Description - MSS1278-393ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1278-472MLD COILCRAFT-MSS1278-472MLD Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
MSS1278-822MLB COILCRAFT-MSS1278-822MLB Datasheet
233Kb / 2P
   SMT Power Inductors -??MSS1278
MSS1278-223MLB COILCRAFT-MSS1278-223MLB Datasheet
226Kb / 2P
   SMT Power Inductors ??MSS1278
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com