Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS6235-185ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS6235-185ML
Description  Shielded Power Inductors ??LPS6235
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS6235-185ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS6235-185ML Datasheet HTML 1Page - Coilcraft lnc. LPS6235-185ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded SMT Power Inductors – LPS6235 Series
Document 587-2
0.236 ±0.003
6,00 ±0,076
0.236 ±0.003
6,00 ±0,076
0.138
3,50
max
Winding
direction
Dash
number
Internal
code
XXXX
0.167
4,25
0.167
4,25
0.079
2,00
0.079
2,00
0.260
6,60
0.260
6,60
0.071
1,80
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in/ 0,13 mm.
*
Recommended
Land Pattern
0.165
4,20
0.165
4,20
0.039
1,00
typ
typ
0.039
1,00
**
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch (0,13 mm).
**
inches
mm
Dimensions are in
Typical L vs Current
Typical L vs Frequency
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
3300 µH
10 µH
33 µH
1000 µH
330 µH
100 µH
1
10
10000
1000
100
0.01
0.1
110
Current (A)
33 µH
330 µH
1000 µH
3300 µH
100 µH
10 µH
Typical Current Derating
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Document 587-2 Revised 12/01/11


Similar Part No. - LPS6235-185ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
210Kb / 2P
   Shielded Power Inductors
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
364Kb / 2P
   Shielded Power Inductors
LPS6235-185ML COILCRAFT-LPS6235-185ML Datasheet
320Kb / 2P
   Shielded Power Inductors ??LPS6235
LPS6235-185MLB COILCRAFT-LPS6235-185MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
LPS6235-185MLC COILCRAFT-LPS6235-185MLC Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
More results

Similar Description - LPS6235-185ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-105MLB COILCRAFT-LPS6235-105MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
89529 COILCRAFT-89529 Datasheet
320Kb / 2P
   Shielded Power Inductors ??LPS6235
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com