Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR4105ZPBF Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR4105ZPBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR4105ZPBF Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR4105ZPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR4105ZPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFR/U4105ZPbF
www.kersemi.com
3
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
60µs PULSE WIDTH
Tj = 25°C
4.5V
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0
1
10
100
1000
VDS = 25V
60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
1020
3040
ID, Drain-to-Source Current (A)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 175°C
VDS = 8.0V
380µs PULSE WIDTH


Similar Part No. - IRFR4105ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
267Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105ZPBF KERSEMI-IRFR4105ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
335Kb / 11P
   Advanced Process Technology
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
335Kb / 11P
   Advanced Process Technology
IRFR4105ZPBF IRF-IRFR4105ZPBF_15 Datasheet
335Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFR4105ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com