Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1200-LTP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS1200-LTP
Description  1 Amp Schottky Rectifier 150 to 200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS1200-LTP Datasheet(HTML) 1 Page - Micro Commercial Components

  SS1200-LTP Datasheet HTML 1Page - Micro Commercial Components SS1200-LTP Datasheet HTML 2Page - Micro Commercial Components SS1200-LTP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS1150-L
THRU
SS1200-L
1 Amp Schottky
Rectifier
150 to 200 Volts
Features
Low Forward Voltage
Guard Ring Protection
High Current Capability
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -65
°C to +150°C
Maximum Thermal Resistance; 50
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS1150-L
S1150
150V
120V
150V
SS1200-L
S1200
200V
140V
200V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS1150
SS1200
VF
.90V
.92V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
CJ
110pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.05mA
1mA
TA = 25
°C
TA = 100
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Revision: B
2013/02/01
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
C
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SS1200-LTP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS1200-L MCC-SS1200-L Datasheet
278Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
SS1200-L MCC-SS1200-L Datasheet
245Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
More results

Similar Description - SS1200-LTP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK1150-L MCC-SK1150-L_13 Datasheet
150Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
SK1150-L MCC-SK1150-L Datasheet
175Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
SS1150-L MCC-SS1150-L Datasheet
278Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
SS1150-L MCC-SS1150-L_13 Datasheet
245Kb / 3P
   1 Amp Schottky Rectifier 150 to 200 Volts
SK5150L MCC-SK5150L Datasheet
327Kb / 4P
   5 Amp Schottky Rectifier 150~200 Volts
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
   1 Amp Schottky Rectifier 50 to 200 Volts
SS120HL MCC-SS120HL Datasheet
852Kb / 3P
   1 Amp Schottky Rectifier 200 Volts
Rev.3-1-08012022
SR1150 MCC-SR1150 Datasheet
221Kb / 3P
   1 Amp Schottky Barrier Rectifier 150 Volts
SR1150 MCC-SR1150_13 Datasheet
156Kb / 3P
   1 Amp Schottky Barrier Rectifier 150 Volts
SR1200 MCC-SR1200 Datasheet
264Kb / 3P
   1 Amp Schottky Barrier Rectifier 200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com