Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR120RLG Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # MUR120RLG
Description  Ultrafast 25, 50 and 75 Nanosecond Recovery Times
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR120RLG Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  MUR120RLG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR120RLG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR120RLG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR120RLG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR120RLG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR120RLG Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MUR120 Series
http://www.kersemi.com
5
Lead Length, L
Mounting
Method
1/8
1/4
1/2
Units
1
2
3
52
67
RqJA
65
72
80
87
50
°C/W
°C/W
°C/W
TYPICAL VALUES FOR RqJA IN STILL AIR
Data shown for thermal resistance junction to
ambient (RqJA) for the mountings shown is to be
used as typical guideline values for preliminary
engineering or in case the tie point temperature
cannot be measured.
NOTE 1. — AMBIENT MOUNTING DATA
MOUNTING METHOD 1
MOUNTING METHOD 2
MOUNTING METHOD 3
L
L
L
L
Vector Pin Mounting
L = 3/8
Board Ground Plane
P.C. Board with
1−1/2 X 1−1/2 Copper Surface


Similar Part No. - MUR120RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR120RLG ONSEMI-MUR120RLG Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
MUR120RLG ONSEMI-MUR120RLG Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Kersemi Electronic Co.,...
MUR120RLG KERSEMI-MUR120RLG Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
MUR120RLG ONSEMI-MUR120RLG Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
More results

Similar Description - MUR120RLG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
BAS70 STMICROELECTRONICS-BAS70 Datasheet
185Kb / 14P
   Low forward and reverse recovery times
October 2009 Rev 2
logo
Vishay Siliconix
HFA25TB60 VISHAY-HFA25TB60 Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60 VISHAY-HFA25PB60 Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
VS-HFA08PB60PBF VISHAY-VS-HFA08PB60PBF Datasheet
195Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 20-Apr-16
VS-HFA30PB120HN3 VISHAY-VS-HFA30PB120HN3 Datasheet
169Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 14-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com