Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR130 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR130
Description  Ultrafast 25, 50 and 75 Nanosecond Recovery Times
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR130 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR130 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR130 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR130 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR130 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR130 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR130 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUR120 Series
http://www.kersemi.com
2
MAXIMUM RATINGS
MUR
Rating
Symbol
105
110
115
120
130
140
160
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
Average Rectified Forward Current
(Square Wave Mounting Method #3 Per Note 1)
IF(AV)
1.0 @ TA = 130°C
1.0 @ TA = 120°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave,
single phase, 60 Hz)
IFSM
35
A
Operating Junction Temperature and
Storage Temperature
TJ, Tstg
*65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
Note 1
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 1.0 Amp, TJ = 150°C)
(iF = 1.0 Amp, TJ = 25°C)
vF
0.710
0.875
1.05
1.25
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
50
2.0
150
5.0
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
(IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(IF = 1.0 A, di/dt = 100 A/ms, IREC to 1.0 V)
tfr
25
50
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Marking
Package
Shipping
MUR105
MUR105
Axial Lead
1000 Units/Bag
MUR105RL
MUR105
Axial Lead
5000 Units/Tape & Reel
MUR110
MUR110
Axial Lead
1000 Units/Bag
MUR110RL
MUR110
Axial Lead
5000 Units/Tape & Reel
MUR115
MUR115
Axial Lead
1000 Units/Bag
MUR115RL
MUR115
Axial Lead
5000 Units/Tape & Reel
MUR120
MUR120
Axial Lead
1000 Units/Bag
MUR120RL
MUR120
Axial Lead
5000 Units/Tape & Reel
MUR120RLG
MUR120
Axial Lead
(Pb−Free)
5000 Units/Tape & Reel
MUR130
MUR130
Axial Lead
1000 Units/Bag
MUR130RL
MUR130
Axial Lead
5000 Units/Tape & Reel
MUR140
MUR140
Axial Lead
1000 Units/Bag
MUR140RL
MUR140
Axial Lead
5000 Units/Tape & Reel
MUR160
MUR160
Axial Lead
1000 Units/Bag
MUR160RL
MUR160
Axial Lead
5000 Units/Tape & Reel
MUR160RLG
MUR160
Axial Lead
(Pb−Free)
5000 Units/Tape & Reel


Similar Part No. - MUR130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR130 JGD-MUR130 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR130 LUGUANG-MUR130 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
logo
SUNMATE electronic Co.,...
MUR130 SUNMATE-MUR130 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
More results

Similar Description - MUR130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
BAS70 STMICROELECTRONICS-BAS70 Datasheet
185Kb / 14P
   Low forward and reverse recovery times
October 2009 Rev 2
logo
Vishay Siliconix
HFA25TB60 VISHAY-HFA25TB60 Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60 VISHAY-HFA25PB60 Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
VS-HFA08PB60PBF VISHAY-VS-HFA08PB60PBF Datasheet
195Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 20-Apr-16
VS-HFA30PB120HN3 VISHAY-VS-HFA30PB120HN3 Datasheet
169Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 14-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com