Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1660 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR1660
Description  16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1660 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR1660 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1660 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR1605 thru MUR1660
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
6
4
2
8
12
10
14
1
10
100
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
SF16A01-SF16A03
SF16A04-SF16A05
SF16A06
http://www.kersemi.com


Similar Part No. - MUR1660

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR1660 DACHANG-MUR1660 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
logo
RFE international
MUR1660 RFE-MUR1660 Datasheet
1Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1640 Through MUR1660
09-08-2020
logo
Kersemi Electronic Co.,...
MUR1660 KERSEMI-MUR1660 Datasheet
815Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier
MUR1660 KERSEMI-MUR1660 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1660 KERSEMI-MUR1660 Datasheet
814Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - MUR1660

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605_16 Datasheet
600Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605CT MCC-MUR1605CT_16 Datasheet
425Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1620 KERSEMI-MUR1620 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1640 KERSEMI-MUR1640 Datasheet
814Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MURH805CT MCC-MURH805CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com