Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR105 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MUR105
Description  Ultrafast 25, 50 and 75 Nanosecond Recovery Times
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR105 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MUR105 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR105 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR105 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR105 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR105 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR105 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MUR120 Series
http://www.kersemi.com
4
MUR130, MUR140, MUR160
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
0.3
0.05
0.5
5.0
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
300
400
100
0.01
0.004
1.0
10
TJ = 175°C
700
Figure 7. Typical Reverse Current*
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
250
Figure 8. Current Derating
(Mounting Method #3 Per Note 1)
Figure 9. Power Dissipation
0
5.0
10
20
2.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Typical Capacitance
0.7
0.07
1.0
7.0
1.7
2.1
100
°C
TJ = 175°C
25
°C
600
500
0.1
100
°C
25
°C
150
100
200
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
TJ = 25°C
30
40
50
3.0
7.0
TJ = 175°C
RATED VR
RqJA = 50°C/W
dc
SQUARE WAVE
I
PK
I
AV
+ 20
SQUARE WAVE
dc
5.0
10
1.1
1.5
1.9
400
0.04
4.0
40
0.4
(CAPACITIVE LOAD)


Similar Part No. - MUR105

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR105 JGD-MUR105 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
MUR105 WINNERJOIN-MUR105 Datasheet
113Kb / 2P
   Super fast switching speed.
logo
Shunye Enterprise
MUR105 SHUNYE-MUR105 Datasheet
392Kb / 2P
   SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Digitron Semiconductors
MUR105 DIGITRON-MUR105 Datasheet
205Kb / 3P
   1A SCHOTTKY RECTIFIER
More results

Similar Description - MUR105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
BAS70 STMICROELECTRONICS-BAS70 Datasheet
185Kb / 14P
   Low forward and reverse recovery times
October 2009 Rev 2
logo
Vishay Siliconix
HFA25TB60 VISHAY-HFA25TB60 Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60 VISHAY-HFA25PB60 Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
VS-HFA08PB60PBF VISHAY-VS-HFA08PB60PBF Datasheet
195Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 20-Apr-16
VS-HFA30PB120HN3 VISHAY-VS-HFA30PB120HN3 Datasheet
169Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 14-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com