Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPD3015-182ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPD3015-182ML
Description  Coupled Inductors ??LPD3015
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD3015-182ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPD3015-182ML Datasheet HTML 1Page - Coilcraft lnc. LPD3015-182ML Datasheet HTML 2Page - Coilcraft lnc. LPD3015-182ML Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Coupled Inductors for SEPIC - LPD3015 Series
Document 661-2 Revised 09/13/11
Document 661-2
Document 661-2
Coupling
Leakage
Isat (A)6
Irms (A)
Inductance2 DCR max3 SRF typ4 coefficient
L typ5
10%
20%
30%
both
one
Part number1
±20% (µH)
(Ohms)
(MHz)
typ
(µH)
drop
drop
drop
windings7 winding8
LPD3015-391ML_
0.39
0.071
289
0.89
0.08
3.2
3.3
3.4
1.45
2.05
LPD3015-561ML_
0.56
0.079
235
0.93
0.08
2.7
2.8
2.8
1.37
1.94
LPD3015-102ML_
1.0
0.129
160
0.95
0.09
2.0
2.1
2.2
1.08
1.52
LPD3015-152ML_
1.5
0.204
140
0.96
0.11
1.6
1.7
1.8
0.86
1.20
LPD3015-182ML_
1.8
0.273
135
0.96
0.13
1.5
1.6
1.6
0.78
1.10
LPD3015-222ML_
2.2
0.300
110
0.97
0.14
1.5
1.6
1.6
0.75
1.05
LPD3015-332ML_
3.3
0.337
90
0.98
0.16
1.0
1.1
1.2
0.67
0.94
LPD3015-472ML_
4.7
0.503
79
0.98
0.18
0.86
0.87
0.88
0.54
0.76
LPD3015-682ML_
6.8
0.622
58
0.98
0.22
0.77
0.78
0.79
0.49
0.69
LPD3015-103ML_
10
1.040
48
0.99
0.28
0.58
0.59
0.60
0.38
0.53
LPD3015-153ML_
15
1.420
35
0.99
0.37
0.49
0.50
0.51
0.32
0.46
LPD3015-183ML_
18
1.550
33
0.99
0.42
0.46
0.47
0.48
0.31
0.44
LPD3015-223ML_
22
1.89
30
0.99
0.48
0.42
0.43
0.44
0.28
0.40
LPD3015-333ML_
33
2.84
23
0.99
0.63
0.34
0.35
0.36
0.23
0.32
LPD3015-473ML_
47
4.03
17
0.99
0.81
0.28
0.29
0.30
0.19
0.27
LPD3015-683ML_
68
6.11
14
0.99
1.13
0.24
0.25
0.26
0.16
0.22
LPD3015-104ML_
100
8.54
11
0.99
1.50
0.20
0.21
0.22
0.13
0.19
LPD3015-124ML_
120
9.23
9.0
0.99
1.76
0.19
0.20
0.20
0.13
0.18
LPD3015-154ML_
150
12.40
8.0
0.99
2.22
0.16
0.17
0.18
0.11
0.16
LPD3015-184ML_
180
15.32
7.5
0.99
2.79
0.15
0.16
0.17
0.10
0.14
LPD3015-224ML_
220
18.56
6.0
0.99
3.56
0.13
0.14
0.15
0.09
0.13
LPD3015-334ML_
330
27.70
5.0
0.99
5.18
0.11
0.12
0.12
0.07
0.10
1. Please specify
termination and packaging codes:
LPD3015-334MLC
Termination: L = RoHS compliant Silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts per
full reel).
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads
are connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR
is half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. Leakage Inductance is for L1 and is measured with L2 shorted.
6. DC current, at which the inductance drops the specified amount from
its value without current. It is the sum of the current flowing in both
windings.
7. Equal current when applied to each winding simultaneously that
causes a 40°C temperature rise from 25°C ambient. See temperature
rise calculation.
8 Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. See temperature rise calculation.
9. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak
(ripple) current, and
Irms current to predict temperature rise and
overall losses, including core loss. Go to online calculator.


Similar Part No. - LPD3015-182ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-182ML COILCRAFT-LPD3015-182ML Datasheet
249Kb / 3P
   Coupled Inductors for SEPIC
LPD3015-182ML COILCRAFT-LPD3015-182ML Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-182MLB COILCRAFT-LPD3015-182MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-182MLC COILCRAFT-LPD3015-182MLC Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
More results

Similar Description - LPD3015-182ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-333MLC COILCRAFT-LPD3015-333MLC Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-472MLB COILCRAFT-LPD3015-472MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com