Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT1608C-474ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DT1608C-474ML
Description  Shielded Power Inductors ??DT1608C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DT1608C-474ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DT1608C-474ML Datasheet HTML 1Page - Coilcraft lnc. DT1608C-474ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – DT1608C Series
Document 178-2
Document 178-2 Revised 05/20/10
Typical L vs Current
Current (A)
0.1
1
10
100
10000
1000
0.01
0.1
10
1
10000
-105
-104
-103
-102
0.160
4,06 dia
0.115
2,92
max
Recommended
Land Pattern
0.160
4,06
0.140
3,56
0.055
1,40
0.270
6,86
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
Part Marking
0.070
1,78
Dash number
Weight:
136 – 157 mg
Terminations: Gold over nickel over moly-manganese. Other terminations
available at additional cost.
Tape and reel: 750/7
″ reel; 2500/13″ reel 12 mm tape width
For packaging data see Tape and Reel Specifications section.
-40
-20
020
40
60
80
100
140
120
Ambient temperature (°C)
+30
+20
+10
0
-10
-20
-30
Isat Derating


Similar Part No. - DT1608C-474ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DT1608C-474ML COILCRAFT-DT1608C-474ML Datasheet
112Kb / 2P
   SMT Power Inductors
DT1608C-474ML COILCRAFT-DT1608C-474ML Datasheet
190Kb / 2P
   Shielded Power Inductors ??DT1608C
DT1608C-474MLB COILCRAFT-DT1608C-474MLB Datasheet
343Kb / 2P
   Shielded Power Inductors - DT1608C
DT1608C-474MLB COILCRAFT-DT1608C-474MLB Datasheet
190Kb / 2P
   Shielded Power Inductors - DT1608C
DT1608C-474MLC COILCRAFT-DT1608C-474MLC Datasheet
190Kb / 2P
   Shielded Power Inductors - DT1608C
More results

Similar Description - DT1608C-474ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DT1608C-683MLC COILCRAFT-DT1608C-683MLC Datasheet
343Kb / 2P
   Shielded Power Inductors - DT1608C
DT1608C-152MLC COILCRAFT-DT1608C-152MLC Datasheet
190Kb / 2P
   Shielded Power Inductors ??DT1608C
DT1608C-223MLC COILCRAFT-DT1608C-223MLC Datasheet
190Kb / 2P
   Shielded Power Inductors - DT1608C
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com