Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008HS-331TL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008HS-331TL
Description  Chip Inductors ??1008HS (2520)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008HS-331TL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008HS-331TL Datasheet HTML 1Page - Coilcraft lnc. 1008HS-331TL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1008HS Series (2520)
Document 160-2
Document 160-2 Revised 01/18/12
I
I
J
H
Recommended
Land Pattern
A
B
overall
F
G
E
terminal
F
C
Terminal wraparound:
approx 0.015/0,38 both ends
1000
900
800
700
600
500
400
300
200
100
0
Frequency (MHz)
1000
10000
100
10
1
750 nH
330 nH
100 nH
47 nH
12 nH
100
90
80
70
60
50
40
30
20
10
0
10
100
Frequency (MHz)
1000
10000
47 nH
12 nH
330 nH
750 nH
100 nH
A
B
C
max
max
max
E
F
G
H
I
J
0.105 0.095
0.070
0.080 0.020 0.060 0.100 0.040 0.050 inches
2,67
2,41
1,78
2,03
0,51
1,52
2,54
1,02
1,27
mm
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Typical Q vs Frequency
Typical L vs Frequency
Note: Height dimension is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 28.3– 31.5 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C to
+140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.3 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.


Similar Part No. - 1008HS-331TL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HS-331TFLB COILCRAFT-1008HS-331TFLB Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008HS-331TFLC COILCRAFT-1008HS-331TFLC Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008HS-331TFLD COILCRAFT-1008HS-331TFLD Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008HS-331T_L COILCRAFT-1008HS-331T_L Datasheet
107Kb / 2P
   Chip Inductors
More results

Similar Description - 1008HS-331TL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HS-391TJLC COILCRAFT-1008HS-391TJLC Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-473XJLB COILCRAFT-1008LS-473XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008HQ-39NXGLC COILCRAFT-1008HQ-39NXGLC Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008LS-103XJLC COILCRAFT-1008LS-103XJLC Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008CT-900XGLC COILCRAFT-1008CT-900XGLC Datasheet
99Kb / 2P
   Chip Inductors ??1008CT (2520)
1008LS-152XJLB COILCRAFT-1008LS-152XJLB Datasheet
100Kb / 2P
   Chip Inductors -1008LS (2520)
1008HQ-18NXGLC COILCRAFT-1008HQ-18NXGLC Datasheet
127Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008CS-331XJLB COILCRAFT-1008CS-331XJLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-911XFLC COILCRAFT-1008CS-911XFLC Datasheet
161Kb / 2P
   Chip Inductors - 1008CS Series (2520)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com